Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1269CS Datasheet(PDF) 4 Page - Linear Technology

Part # LT1269CS
Description  4A High Efficiency Switching Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1269CS Datasheet(HTML) 4 Page - Linear Technology

  LT1269CS Datasheet HTML 1Page - Linear Technology LT1269CS Datasheet HTML 2Page - Linear Technology LT1269CS Datasheet HTML 3Page - Linear Technology LT1269CS Datasheet HTML 4Page - Linear Technology LT1269CS Datasheet HTML 5Page - Linear Technology LT1269CS Datasheet HTML 6Page - Linear Technology LT1269CS Datasheet HTML 7Page - Linear Technology LT1269CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1271/LT1269
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Switch Current Limit vs Duty Cycle
Switch Saturation Voltage
DUTY CYCLE (%)
0
9
12
40
1271/69 G01
6
3
0
10
20 30
50 60 70 80 90 100
–55
°C
125
°C
25
°C
SWITCH CURRENT (A)
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
23
4
1271/69 G02
5
0.2
0
TJ = 25°C
S
APPLICATI
TYPICAL
C1
0.22
µF
L1**
100
µH
D1
MBR340
1271/69 TA04
LT1271
VSW
FB
GND
VIN
VC
C2
200
µF
* REQUIRED IF INPUT LEADS
≥ 2"
** COILTRONICS CTX100-2-52
×
×
R1
11.3k
Q1
2N3906
OPTIONAL
OUTPUT
FILTER
L2
C3
R3
2.2k
VIN
–12V
VOUT
12V, 1.5A
C4*
200
µF
OPTIONAL
INTPUT
FILTER
L3
R2
1.24k
+
+
Negative-to-Positive Buck-Boost Converter



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com