Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1281AI Datasheet(PDF) 6 Page - Linear Technology

Part # LT1281AI
Description  Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1281AI Datasheet(HTML) 6 Page - Linear Technology

  LT1281AI Datasheet HTML 1Page - Linear Technology LT1281AI Datasheet HTML 2Page - Linear Technology LT1281AI Datasheet HTML 3Page - Linear Technology LT1281AI Datasheet HTML 4Page - Linear Technology LT1281AI Datasheet HTML 5Page - Linear Technology LT1281AI Datasheet HTML 6Page - Linear Technology LT1281AI Datasheet HTML 7Page - Linear Technology LT1281AI Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LT1280A/LT1281A
ESD PROTECTIO
The RS232 line inputs of the LT1280A/LT1281A have on-
chip protection from ESD transients up to
±10kV. The
protection structures act to divert the static discharge
safely to system ground. In order for the ESD protection to
function effectively, the power supply and ground pins of
the circuit must be connected to ground through low
impedances. The power supply decoupling capacitors and
charge pump storage capacitors provide this low imped-
ance in normal application of the circuit. The only con-
straint is that low ESR capacitors must be used for
bypassing and charge storage. ESD testing must be done
with pins VCC, VL, V
+, V–, and GND shorted to ground or
connected with low ESR capacitors.
ESD Test Circuit
1280A ESD TC
0.1
µF
RS232
LINE PINS
PROTECTED
TO
±10kV
1
2
3
4
18
17
16
15
14
13
12
11
10
0.1
µF
0.1
µF
0.1
µF
NC
C1+
V+
C1–
C2+
C2–
V–
DR2 OUT
LT1280A
0.1
µF
ON/OFF
5V VCC
GND
DR1 OUT
RX1 IN
RX1 OUT
DR1 IN
DR2 IN
RS232
LINE PINS
PROTECTED
TO
±10kV
RX2 IN
RX2 OUT
+
+
+
+
+
5
6
7
8
9
APPLICATI
TYPICAL
Supporting an LT1039 (Triple Driver/Receiver)
30k
30k
RS232 OUTPUT
RS232 OUTPUT
RS232 INPUT
RS232 INPUT
LT1280A • TA04
LT1039
TTL INPUT
30k
RS232 INPUT
VCC
TTL INPUT
TTL INPUT
TTL OUTPUT
TTL OUTPUT
TTL OUTPUT
ON/OFF
RS232 OUTPUT
5k
RS232 OUTPUT
RS232 INPUT
LT1280A
TTL INPUT
5k
RS232 INPUT
VCC
TTL INPUT
TTL OUTPUT
TTL OUTPUT
ON/OFF
RS232 OUTPUT
1
µF
2
4
1
µF
5
6
3
7
18
17
1
µF
1
µF
GND
16
GND
10
V+
V –
1
9
18
17
5V
SHUTDOWN
C2–
C2+
C1–
C1+
V+
V –
11
12
13
10
15
14
9
8
12
14
16
11
13
15
7
5
3
8
6
4
+
+
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com