Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1304 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1304
Description  Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1304 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1304 Datasheet HTML 8Page - Linear Technology LT1304 Datasheet HTML 9Page - Linear Technology LT1304 Datasheet HTML 10Page - Linear Technology LT1304 Datasheet HTML 11Page - Linear Technology LT1304 Datasheet HTML 12Page - Linear Technology LT1304 Datasheet HTML 13Page - Linear Technology LT1304 Datasheet HTML 14Page - Linear Technology LT1304 Datasheet HTML 15Page - Linear Technology LT1304 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1304/LT1304-3.3/LT1304-5
TYPICAL APPLICATIONS
Negative LCD Bias Generator
Electroluminescent Panel Driver with 200Hz Oscillator
VIN
SW
GND
FB
22k
ILIM
LT1304
+
+
1M
1%
**
**
**
110k
1%
90.9k
1%
VOLTAGE ADJUST
1kHz PWM INPUT
0V TO 5V
1.69M
1%
1
µF
CERAMIC
47
µF
3.3
µF
10
µF
35V
1000pF
2 CELLS
L1*
10
µH
–VOUT
–14V TO –22V
1mA TO 10mA
* SUMIDA CD43-100
** MOTOROLA MBR0530
1304 TA14
EFFICIENCY = 70% TO 75%
AT ILOAD ≥ 2mA
DANGER!
HIGH
VOLTAGE
VIN
SW
GND
200Hz
NC
FB
3.3k
ILIM
LBI
LBO
34
16
LT1304
51k
22k
22k
22k
1/2 BAW56
FMMT458
MBR0530
50k
INTENSITY
ADJUST
10M
(3.3M
× 3)
1
µF
200V
MUR160
600V
1nF
0.01
µF
47
µF
EL PANEL
CPANEL ≤ 20nF
1:12*
* DALE LPE3325-A205 TRANSFORMER MEASURES 6.5mm
× 8.2mm × 5.2mm (H)
(605) 665-9301
1304 TA15
SHDN
22k
22k
VIN
2V TO 7V
5V = OPERATE
0V = SHUTDOWN
2N3906
75k
1/2 BAW56
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com