Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1306 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1306
Description  Synchronous, Fixed Frequency Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1306 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1306 Datasheet HTML 8Page - Linear Technology LT1306 Datasheet HTML 9Page - Linear Technology LT1306 Datasheet HTML 10Page - Linear Technology LT1306 Datasheet HTML 11Page - Linear Technology LT1306 Datasheet HTML 12Page - Linear Technology LT1306 Datasheet HTML 13Page - Linear Technology LT1306 Datasheet HTML 14Page - Linear Technology LT1306 Datasheet HTML 15Page - Linear Technology LT1306 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1306
SW
L1
4.7
µH
2V/500kHz
D1
C1
1
µF
VIN
CAP
LT1306
R3
95k
R2
249k
R1
412k
CZ
5.6nF
CIN1
0.1
µF
CERAMIC
CIN2
22
µF
2V
TO 3V
CP
39pF
CO
220
µF
CIN1: AVX TAJC226M010
CO1: AVX TPSE227M010R0100
C1: AVX TAJA105K020
D1: CMDSH-3
L1: LQN6C4R7
1306 F09
3.3V
1A
OUT
S/S
FB
VC
GND
+
+
LOAD CURRENT (mA)
1
60
80
85
90
10
100
1000 2000
1306 F09a
75
70
65
VIN = 3V
VIN = 2.5V
VIN = 1.8V
VO = 3.3V
L1 = 4.7
µH
2-Cell NiMH to 3.3V Output
Efficiency
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com