Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1307BCMS8 Datasheet(PDF) 18 Page - Linear Technology

Part # LT1307BCMS8
Description  Single Cell Micropower 600kHz PWM DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1307BCMS8 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1307BCMS8 Datasheet HTML 12Page - Linear Technology LT1307BCMS8 Datasheet HTML 13Page - Linear Technology LT1307BCMS8 Datasheet HTML 14Page - Linear Technology LT1307BCMS8 Datasheet HTML 15Page - Linear Technology LT1307BCMS8 Datasheet HTML 16Page - Linear Technology LT1307BCMS8 Datasheet HTML 17Page - Linear Technology LT1307BCMS8 Datasheet HTML 18Page - Linear Technology LT1307BCMS8 Datasheet HTML 19Page - Linear Technology LT1307BCMS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LT1307/LT1307B
TYPICAL APPLICATIONS N
Single Cell CCFL Power Supply
VIN
VC
D1
100
Ω
43
CCFL
2
1.5V
5
T1
1
1307 TA08
610
SW
FB
0.1
µF
C1
0.1
µF
1
CELL
1.5V
1.5V
1k
L1
33
µH
LT1307B
1 = OPERATE
0 = SHUTDOWN
C1: WIMA MKP-20
D1: MOTOROLA MBR0520L
L1: SUMIDA CD54-330
T1: COILTRONICS CTX110611
Q1, Q2: ZETEX FZT-849
GND
SHDN
10k
DIMMING
0.1
µF
1N4148
1N4148
1
µF
CERAMIC
10k
47pF
3kV
Q1
Q2
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
MS8 Package
8-Lead Plastic MSOP
(LTC DWG # 05-08-1660)
MSOP08 0596
* DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH,
PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
12
3
4
0.192
± 0.004
(4.88
± 0.10)
8
7 6
5
0.118
± 0.004*
(3.00
± 0.10)
0.118
± 0.004**
(3.00
± 0.10)
0.021
± 0.004
(0.53
± 0.01)
0
° – 6° TYP
SEATING
PLANE
0.007
(0.18)
0.040
± 0.006
(1.02
± 0.15)
0.012
(0.30)
0.006
± 0.004
(0.15
± 0.10)
0.025
(0.65)
TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com