Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1216 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1216
Description  23MHz, 50V/s, Single Supply Dual and Quad Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1216 Datasheet(HTML) 2 Page - Linear Technology

  LT1216_15 Datasheet HTML 1Page - Linear Technology LT1216_15 Datasheet HTML 2Page - Linear Technology LT1216_15 Datasheet HTML 3Page - Linear Technology LT1216_15 Datasheet HTML 4Page - Linear Technology LT1216_15 Datasheet HTML 5Page - Linear Technology LT1216_15 Datasheet HTML 6Page - Linear Technology LT1216_15 Datasheet HTML 7Page - Linear Technology LT1216_15 Datasheet HTML 8Page - Linear Technology LT1216_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1215/LT1216
A
G
A
U
A
R
BSOLUTEXI
TI
S
Total Supply Voltage (V + to V –) ............................. 36V
Input Current .....................................................
±15mA
Output Short-Circuit Duration (Note 2) ........ Continuous
Operating Temperature Range
LT1215C/LT1216C (Note 3) .............. – 40
°C to 85°C
LT1215M (OBSOLETE) ............... –55
°C to 125°C
Specified Temperature Range
LT1215C/LT1216C (Note 4) .............. – 40
°C to 85°C
LT1215M (OBSOLETE) ............... –55
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Junction Temperature (Note 5) ............................. 150
°C
Plastic Package (CN8, CS8, CN, CS)................ 150
°C
Ceramic Package (MJ8) (OBSOLETE) .......... 175
°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER I FOR ATIO
N8 PACKAGE
8-LEAD PDIP
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
B
A
LT1215CS8
ORDER PART
NUMBER
LT1215CN8
LT1215ACN8
J8 PACKAGE 8-LEAD CERDIP
TJMAX = 175°C, θJA = 100°C/W
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
B
A
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
S8 PART MARKING
1215
ORDER PART
NUMBER
ORDER PART
NUMBER
ORDER PART
NUMBER
LT1216CS
TJMAX = 150°C, θJA = 150°C/W
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
NC
A
C
B
D
TJMAX = 150°C, θJA = 100°C/W
LT1216CN
TJMAX = 150°C, θJA = 70°C/W
N PACKAGE
14-LEAD PDIP
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
A
C
B
TOP VIEW
(Note 1)
TJMAX = 150°C, θJA = 100°C/W
LT1215MJ8
LT1215AMJ8
OBSOLETE PACKAGE
Consider the N8 Package for Alternate Source
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com