Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1251 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1251
Description  40MHz Video Fader and DC Gain Controlled Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1251 Datasheet(HTML) 2 Page - Linear Technology

  LT1251_15 Datasheet HTML 1Page - Linear Technology LT1251_15 Datasheet HTML 2Page - Linear Technology LT1251_15 Datasheet HTML 3Page - Linear Technology LT1251_15 Datasheet HTML 4Page - Linear Technology LT1251_15 Datasheet HTML 5Page - Linear Technology LT1251_15 Datasheet HTML 6Page - Linear Technology LT1251_15 Datasheet HTML 7Page - Linear Technology LT1251_15 Datasheet HTML 8Page - Linear Technology LT1251_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LT1251/LT1256
ORDER PART
NUMBER
Total Supply Voltage (V + to V –) .............................. 36V
Input Current ......................................................
±15mA
Input Voltage on Pins 3,4,5,10,11,12 ............... V – to V +
Output Short-Circuit Duration (Note 1) ........ Continuous
Specified Temperature Range (Note 2) ....... 0
°C to 70°C
Operating Temperature Range ............... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Junction Temperature (Note 3)............................ 150
°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
PACKAGE/ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS
LT1251CN
LT1251CS
LT1256CN
LT1256CS
TJMAX = 150°C, θJA = 70°C/ W (N)
TJMAX = 150°C, θJA = 100°C/ W (S)
Consult factory for Industrial and Military grade parts.
SIG AL A PLIFIER AC CHARACTERISTICS
0
°C ≤ TA ≤ 70°C, VS = ±5V, VIN = 1VRMS, f = 1kHz, AVMAX = 1, RF1 = RF2 = 1.5k, VFS = 2.5V, IC = IFS = NULL = Open, Pins 5,10 = GND,
unless otherwise noted.
(Note 2)
–
+
–
+
TOP VIEW
N PACKAGE
14-LEAD PDIP
S PACKAGE
14-LEAD PLASTIC SO
IN2
FB2
VFS
IFS
RFS
V+
VOUT
2
–
+
–
+
1
2
3
4
5
6
7
IN1
FB1
VC
IC
RC
NULL
V–
14
13
12
11
10
9
8
CONTROL
1
CFS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
2%IN1
2% Input 1 Gain
VC (Pin 3) = 0.05V
LT1251
q
0
0.1
%
LT1256
q
0.1
5.0
%
10%IN1
10% Input 1 Gain
VC (Pin 3) = 0.25V
q
713
%
20%IN1
20% Input 1 Gain
VC (Pin 3) = 0.50V
q
17
23
%
30%IN1
30% Input 1 Gain
VC (Pin 3) = 0.75V
q
27
33
%
40%IN1
40% Input 1 Gain
VC (Pin 3) = 1.00V
q
37
43
%
50%IN1
50% Input 1 Gain
VC (Pin 3) = 1.25V
q
47
53
%
60%IN1
60% Input 1 Gain
VC (Pin 3) = 1.50V
q
57
63
%
70%IN1
70% Input 1 Gain
VC (Pin 3) = 1.75V
q
67
73
%
80%IN1
80% Input 1 Gain
VC (Pin 3) = 2.00V
q
77
83
%
90%IN1
90% Input 1 Gain
VC (Pin 3) = 2.25V
q
87
93
%
98%IN1
98% Input 1 Gain
VC (Pin 3) = 2.45V
LT1251
q
99.9
100.0
%
LT1256
q
95.0
99.9
%
2%IN2
2% Input 2 Gain
VC (Pin 3) = 2.45V
LT1251
q
0
0.1
%
LT1256
q
0.1
5.0
%
10%IN2
10% Input 2 Gain
VC (Pin 3) = 2.25V
q
713
%
20%IN2
20% Input 2 Gain
VC (Pin 3) = 2.00V
q
17
23
%
30%IN2
30% Input 2 Gain
VC (Pin 3) = 1.75V
q
27
33
%
40%IN2
40% Input 2 Gain
VC (Pin 3) = 1.50V
q
37
43
%
50%IN2
50% Input 2 Gain
VC (Pin 3) = 1.25V
q
47
53
%
60%IN2
60% Input 2 Gain
VC (Pin 3) = 1.00V
q
57
63
%
70%IN2
70% Input 2 Gain
VC (Pin 3) = 0.75V
q
67
73
%
80%IN2
80% Input 2 Gain
VC (Pin 3) = 0.50V
q
77
83
%
90%IN2
90% Input 2 Gain
VC (Pin 3) = 0.25V
q
87
93
%
98%IN2
98% Input 2 Gain
VC (Pin 3) = 0.05V
LT1251
q
99.9
100.0
%
LT1256
q
95.0
99.9
%
Gain Drift with Temperature
VC (Pin 3) = 0.75V
N Package
50
ppm/
°C
(Worst Case at 30% Gain)
VC (Pin 3) = 0.75V
S Package
400
ppm/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com