Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1498 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1498
Description  10MHz, 6V/s, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1498 Datasheet(HTML) 2 Page - Linear Technology

  LT1498_15 Datasheet HTML 1Page - Linear Technology LT1498_15 Datasheet HTML 2Page - Linear Technology LT1498_15 Datasheet HTML 3Page - Linear Technology LT1498_15 Datasheet HTML 4Page - Linear Technology LT1498_15 Datasheet HTML 5Page - Linear Technology LT1498_15 Datasheet HTML 6Page - Linear Technology LT1498_15 Datasheet HTML 7Page - Linear Technology LT1498_15 Datasheet HTML 8Page - Linear Technology LT1498_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT1498/LT1499
14989fg
2
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V–).................................36V
Input Current........................................................ ±10mA
Output Short-Circuit Duration (Note 2) ......... Continuous
Operating Temperature Range
LT1498/LT1499....................................–40°C to 85°C
LT1498H/LT1499H............................. –40°C to 125°C
LT1498MP ......................................... –55°C to 125°C
(Note 1)
PIN CONFIGURATION
ORDER INFORMATION
Specified Temperature Range (Note 4)
LT1498/LT1499....................................–40°C to 85°C
LT1498H/LT1499H............................. –40°C to 125°C
LT1498MP ......................................... –55°C to 125°C
Junction Temperature ........................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
N8 PACKAGE
8-LEAD PLASTIC DIP
A
B
TJMAX = 150°C, θJA = 130°C/W
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V–
S8 PACKAGE
8-LEAD PLASTIC SO
A
B
TJMAX = 150°C, θJA = 130°C/W
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
8
8
OUTA
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
A
D
B
C
TJMAX = 150°C, θJA = 150°C/W
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1498CN8#PBF
LT1498CN8#TRPBF
LT1498CN8
8-Lead Plastic PDIP
0°C to 70°C
LT1498CS8#PBF
LT1498CS8#TRPBF
1498
8-Lead Plastic SO
0°C to 70°C
LT1498IN8#PBF
LT1498IN8#TRPBF
LT1498IN8
8-Lead Plastic PDIP
–40°C to 85°C
LT1498IS8#PBF
LT1498IS8#TRPBF
1498I
8-Lead Plastic SO
–40°C to 85°C
LT1498HS8#PBF
LT1498HS8#TRPBF
1498H
8-Lead Plastic SO
–40°C to 125°C
LT1498MPS8#PBF
LT1498MPS8#TRPBF
1498MP
8-Lead Plastic SO
–55°C to 125°C
LT1499CS#PBF
LT1499CS#TRPBF
LT1499CS
14-Lead Plastic SO
0°C to 70°C
LT1499IS#PBF
LT1499IS#TRPBF
LT1499IS
14-Lead Plastic SO
–40°C to 85°C
LT1499HS#PBF
LT1499HS#TRPBF
LT1499HS
14-Lead Plastic SO
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com