Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1307CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1307CS8
Description  Single Cell Micropower 600kHz PWM DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1307CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1307CS8 Datasheet HTML 12Page - Linear Technology LT1307CS8 Datasheet HTML 13Page - Linear Technology LT1307CS8 Datasheet HTML 14Page - Linear Technology LT1307CS8 Datasheet HTML 15Page - Linear Technology LT1307CS8 Datasheet HTML 16Page - Linear Technology LT1307CS8 Datasheet HTML 17Page - Linear Technology LT1307CS8 Datasheet HTML 18Page - Linear Technology LT1307CS8 Datasheet HTML 19Page - Linear Technology LT1307CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LT1307/LT1307B
TYPICAL APPLICATIONS N
Constant Current NiCd Battery Charger with Overvoltage Protection
for Acknowledge-Back Pagers
Step-Up/Step-Down Converter
Low Cost 2-Cell to 5V
VIN
VC
SW
FB
LT1307
L1
10
µH
L1*
•
•
MBR0520
VIN
2.1V TO 4.8V
100k
3
CELLS
608k
1.02M
3.3V
100mA
1000pF
L1: COILTRONICS CTX10-1 OR 2 MURATA ERIE LQH3C100
EFFICIENCY
≈70% TO 73%
1307 TA03
1
µF
CERAMIC
2.2
µF
CERAMIC
GND
SHDN
SHDN
10
µF
CERAMIC
VIN
VC
SW
FB
LBO
LBI
LT1307
L1
10
µH
VIN
1.8V TO 1V
•
MBR0520L
47k
1 CELL
AA OR
AAA
2200pF
1
µF
2
3
L1: COILTRONICS CTX10-1
1307 TA04
1nF
3V
200mV
15mA
–100mV
3 CELLS
NiCd
2.2
µF
CERAMIC
GND
SHDN
1 = CHARGE
0 = SHUTDOWN
323k
280k
6.7
Ω
1M
OVERVOLTAGE
PROTECTION
1
µF
CERAMIC
1
4
30k
•
VIN
SW
FB
LT1307
VIN
1.4V TO 3.3V
L1
10
µH
1N5818
SHDN
100k
323k
1M
5V
100mA
4700pF
C1, C2: PANASONIC ECA0JFQ221
(DIGI-KEY P5604-ND)
L1: SUMIDA CD43-100
1307 TA02
C1*
220
µF
6.3V
0.1
µF
GND
+
0.1
µF
C2
220
µF
6.3V
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com