Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1631 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1631
Description  30MHz, 10V/s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1631 Datasheet(HTML) 2 Page - Linear Technology

  LT1631_15 Datasheet HTML 1Page - Linear Technology LT1631_15 Datasheet HTML 2Page - Linear Technology LT1631_15 Datasheet HTML 3Page - Linear Technology LT1631_15 Datasheet HTML 4Page - Linear Technology LT1631_15 Datasheet HTML 5Page - Linear Technology LT1631_15 Datasheet HTML 6Page - Linear Technology LT1631_15 Datasheet HTML 7Page - Linear Technology LT1631_15 Datasheet HTML 8Page - Linear Technology LT1631_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1630/LT1631

16301fa
absoluTe MaxiMuM raTings
Total Supply Voltage (V+ to V–) ............................... 36V
Input Current....................................................... ±10mA
Output Short-Circuit Duration (Note 2)........ Continuous
Operating Temperature Range
C-Grade/I-Grade ................................. –40°C to 85°C
H-Grade ............................................. –40°C to 125°C
(Note 1)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1630CN8#PBF
LT1630CN8#TRPBF
LT1630CN8
8-Lead PDIP
–40°C to 85°C
LT1630CS8#PBF
LT1630CS8#TRPBF
1630
8-Lead Plastic SO
–40°C to 85°C
LT1630IN8#PBF
LT1630IN8#TRPBF
LT1630IN8
8-Lead PDIP
–40°C to 85°C
LT1630IS8#PBF
LT1630IS8#TRPBF
1630I
8-Lead Plastic SO
–40°C to 85°C
LT1630HS8#PBF
LT1630HS8#TRPBF
1630H
8-Lead Plastic SO
–40°C to 125°C
LT1631CS#PBF
LT1631CS#TRPBF
LT1631CS
14-Lead Plastic SO
–40°C to 85°C
LT1631IS#PBF
LT1631IS#TRPBF
LT1631IS
14-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
A
B
TJMAX = 150°C, θJA = 130°C/W (N8)
TJMAX = 150°C, θJA = 190°C/W (S8)
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUTA
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
A
D
B
C
TJMAX = 150°C, θJA = 150°C/W
pin conFiguraTion
Specified Temperature Range (Note 4) ..........................
C-Grade/I-Grade ................................. –40°C to 85°C
H-Grade ............................................. –40°C to 125°C
Junction Temperature ......................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com