Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1711 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1711
Description  Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1711 Datasheet(HTML) 2 Page - Linear Technology

  LT1711_15 Datasheet HTML 1Page - Linear Technology LT1711_15 Datasheet HTML 2Page - Linear Technology LT1711_15 Datasheet HTML 3Page - Linear Technology LT1711_15 Datasheet HTML 4Page - Linear Technology LT1711_15 Datasheet HTML 5Page - Linear Technology LT1711_15 Datasheet HTML 6Page - Linear Technology LT1711_15 Datasheet HTML 7Page - Linear Technology LT1711_15 Datasheet HTML 8Page - Linear Technology LT1711_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1711/LT1712
Supply Voltage
V+ to V– ............................................................ 12.6V
V+ to GND ........................................................ 12.6V
V– to GND .............................................– 10V to 0.3V
Differential Input Voltage ...................................
±12.6V
Latch Pin Voltage ...................................................... 7V
Input and Latch Current .....................................
±10mA
ABSOLUTE
AXI U
RATI GS
ORDER PART
NUMBER
LT1711CMS8
LT1711IMS8
Consult factory for parts specified with wider operating temperature ranges.
TJMAX = 150°C, θJA = 250°C/ W (NOTE 12)
PACKAGE/ORDER I FOR ATIO
MS8 PART MARKING
LTTC
LTTD
1
2
3
4
V+
+IN
–IN
V –
8
7
6
5
Q
Q
GND
LATCH
ENABLE
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
(Note 1)
Output Current (Continuous) ..............................
±20mA
Operating Temperature Range ................ – 40
°C to 85°C
Specified Temperature Range (Note 2) ... – 40
°C to 85°C
Junction Temperature .......................................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
–IN A
+IN A
V–
V+
V+
V–
+IN B
–IN B
GND
Q A
Q A
Q B
Q B
GND
LATCH
ENABLE A
LATCH
ENABLE B
TJMAX = 150°C, θJA = 120°C/ W (NOTE 12)
ORDER PART
NUMBER
LT1712CGN
LT1712IGN
GN PART MARKING
1712
1712I
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V+
Positive Supply Voltage Range
q
2.4
7
V
VOS
Input Offset Voltage (Note 4)
RS = 50Ω, VCM = V+/2
0.5
5.0
mV
RS = 50Ω, VCM = V
+/2
q
6.0
mV
RS = 50Ω, VCM = 0V
0.7
mV
RS = 50Ω, VCM = V+
1mV
∆VOS/∆T Input Offset Voltage Drift
q
10
µV/°C
IOS
Input Offset Current
0.2
3
µA
q
6
µA
IB
Input Bias Current (Note 5)
– 18
– 5
5
µA
q
–35
10
µA
VCM
Input Voltage Range (Note 9)
q
– 0.1
V+ + 0.1
V
CMRR
Common Mode Rejection Ratio
V + = 5V, 0V
≤ VCM ≤ 5V
56
65
dB
V + = 5V, 0V
≤ VCM ≤ 5V
q
53
dB
V + = 2.7V, 0V
≤ VCM ≤ 2.7V
54
65
dB
V + = 2.7V, 0V
≤ VCM ≤ 2.7V
q
50
dB
PSRR+
Positive Power Supply Rejection Ratio
2.4V
≤ V+ ≤ 7V, VCM = 0V
58
75
dB
q
56
dB
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
V+ = 2.7V or V + = 5V, V– = 0V, VCM = V+/2, VLATCH = 0.8V, CLOAD = 10pF, VOVERDRIVE = 20mV, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com