Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1785 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1785
Description  60V Fault Protected RS485/RS422 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1785 Datasheet(HTML) 2 Page - Linear Technology

  LT1785_15 Datasheet HTML 1Page - Linear Technology LT1785_15 Datasheet HTML 2Page - Linear Technology LT1785_15 Datasheet HTML 3Page - Linear Technology LT1785_15 Datasheet HTML 4Page - Linear Technology LT1785_15 Datasheet HTML 5Page - Linear Technology LT1785_15 Datasheet HTML 6Page - Linear Technology LT1785_15 Datasheet HTML 7Page - Linear Technology LT1785_15 Datasheet HTML 8Page - Linear Technology LT1785_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LT1785/LT1785A/
LT1791/LT1791A
2
178591fd
For more information www.linear.com/LT1785
absoluTe MaxiMuM raTings (Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
VCC
B
A
GND
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
R
D
RO
RE
DE
DI
TJMAX = 150°C, θJA = 130°C/W (N8)
TJMAX = 150°C, θJA = 150°C/W (S8)
TOP VIEW
N PACKAGE
14-LEAD PDIP
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
RO
RE
DE
DI
GND
GND
VCC
NC
A
B
Z
Y
NC
R
D
TJMAX = 150°C, θJA = 130°C/W (N)
TJMAX = 150°C, θJA = 150°C/W (S)
pin conFiguraTion
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1785CN8#PBF
LT1785CN8#TRPBF
1785
8-Lead PDIP
0°C to 70°C
LT1785CS8#PBF
LT1785CS8#TRPBF
1785
8-Lead Plastic SO
0°C to 70°C
LT1785IN8#PBF
LT1785IN8#TRPBF
1785I
8-Lead PDIP
–40°C to 85°C
LT1785IS8#PBF
LT1785IS8#TRPBF
1785I
8-Lead Plastic SO
–40°C to 85°C
LT1785ACN8#PBF
LT1785ACN8#TRPBF
1785A
8-Lead PDIP
0°C to 70°C
LT1785ACS8#PBF
LT1785ACS8#TRPBF
1785A
8-Lead Plastic SO
0°C to 70°C
LT1785AIN8#PBF
LT1785AIN8#TRPBF
1785AI
8-Lead PDIP
–40°C to 85°C
LT1785AIS8#PBF
LT1785AIS8#TRPBF
1785AI
8-Lead Plastic SO
–40°C to 85°C
LT1785HN8#PBF
LT1785HN8#TRPBF
1785H
8-Lead PDIP
–40°C to 125°C
LT1785HS8#PBF
LT1785HS8#TRPBF
1785H
8-Lead Plastic SO
–40°C to 125°C
LT1785AHN8#PBF
LT1785AHN8#TRPBF
1785AH
8-Lead PDIP
–40°C to 125°C
LT1785AHS8#PBF
LT1785AHS8#TRPBF
1785AH
8-Lead Plastic SO
–40°C to 125°C
LT1791CN#PBF
LT1791CN#TRPBF
1791
14-Lead PDIP
0°C to 70°C
LT1791CS#PBF
LT1791CS#TRPBF
1791
14-Lead Plastic SO
0°C to 70°C
Supply Voltage (VCC) ................................................18V
Receiver Enable Input Voltage...................... –0.3V to 6V
Driver Enable Input Voltage.......................... –0.3V to 6V
Driver Input Voltage ................................... –0.3V to 18V
Receiver Input Voltage ................................ –60V to 60V
Driver Output Voltage.................................. –60V to 60V
Receiver Output Voltage...................–0.3V to (VCC + 6V)
Operating Temperature Range
LT1785C/LT1791C/
LT1785AC/LT1791AC.................................... 0°C to 70°C
LT1785I/LT1791I/
LT1785AI/LT1791AI.................................. –40°C to 85°C
LT1785H/LT1791H/
LT1785AH/LT1791AH .............................–40°C to 125°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com