Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1316CMS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1316CMS8
Description  Micropower DC/DC Converter with Programmable Peak Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1316CMS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1316CMS8 Datasheet HTML 8Page - Linear Technology LT1316CMS8 Datasheet HTML 9Page - Linear Technology LT1316CMS8 Datasheet HTML 10Page - Linear Technology LT1316CMS8 Datasheet HTML 11Page - Linear Technology LT1316CMS8 Datasheet HTML 12Page - Linear Technology LT1316CMS8 Datasheet HTML 13Page - Linear Technology LT1316CMS8 Datasheet HTML 14Page - Linear Technology LT1316CMS8 Datasheet HTML 15Page - Linear Technology LT1316CMS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1316
1316f LT/TP 0298 4K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1997
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
TYPICAL APPLICATIONS N
Low Profile 2 Cell-to-28V Converter for LCD Bias
VIN
SW
RSET
FB
7
1
2
65
D1
8
4
3
SHDN
LBI
LBO
LT1316
GND
C2
1
µF
35V
10k
C1
10
µF
2 CELLS
VIN
L1
22
µH
VOUT
28V
5mA
C1: MURATA GRM235Y5V106Z010
C2: SPRAGUE 293D105X9035B2T
C3: 0.33
µF CERAMIC, 50V
C4: 100pF CERAMIC, 50V
D1: BAT-54
L1: MURATA LQH3C220K04
1316 TA05
SHUTDOWN
+
4.32M
C4
100pF
50V
204k
C3
0.33
µF
50V
Bipolar LCD Bias Supply
VIN
VIN
3.3V TO
4.2V
SW
RSET
8
65
1N914
7
4
SHDN
FB
LT1316
GND
3
47k
L1
47
µH
C1
22
µF
16V
C4
3.3
µF
35V
1316 TA14
+
+
1.00M
88.7k
(BAT54 = TWO DIODES IN SOT23)
BAT54
× 2
100pF
13V
0.5mA
–15V
1.5mA
C3
1
µF
35V
C2
1
µF
35V
+
+
2N3904
22k
10k
C1: AVX TAJB226M016R
C2, C3: AVX TAJA105K035R
C4: AVX TAJB335M035R
L1: MURATA LQH3C470
PART NUMBER
DESCRIPTION
COMMENTS
LTC
®1163
Triple High Side Driver for 2-Cell Inputs
1.8V Minimum Input, Drives N-Channel MOSFETs
LTC1174
Micropower Step-Down DC/DC Converter
94% Efficiency, 130
µA IQ, 9V to 5V at 300mA
LT1302
High Output Current Micropower DC/DC Converter
5V/600mA from 2V, 2A Internal Switch, 200
µA IQ
LT1304
2-Cell Micropower DC/DC Converter
Low-Battery Detector Active in Shutdown, 5V at 200mA for 2 Cells
LT1307
Single Cell Micropower 600kHz PWM DC/DC Converter
3.3V at 75mA from 1 Cell
LTC1440/1/2
Ultralow Power Single/Dual Comparators with Reference 2.8
µA IQ, Adjustable Hysteresis
LTC1516
2-Cell to 5V Regulated Charge Pump
12
µA IQ, No Inductors, 5V at 50mA from 3V Input
LT1521
Micropower Low Dropout Linear Regulator
500mV Dropout, 300mA Current, 12
µA IQ
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com