Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1319 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1319
Description  Multiple Modulation Standard Infrared Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1319 Datasheet(HTML) 3 Page - Linear Technology

  LT1319 Datasheet HTML 1Page - Linear Technology LT1319 Datasheet HTML 2Page - Linear Technology LT1319 Datasheet HTML 3Page - Linear Technology LT1319 Datasheet HTML 4Page - Linear Technology LT1319 Datasheet HTML 5Page - Linear Technology LT1319 Datasheet HTML 6Page - Linear Technology LT1319 Datasheet HTML 7Page - Linear Technology LT1319 Datasheet HTML 8Page - Linear Technology LT1319 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1319
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Threshold Transimpedance
100
µA Into Pin 11 (Note 5)
2
k
Ω
VTH
Threshold External Voltage
100
µA Into Pin 11, V (Pin 11)
0.8
0.9
1.2
V
VIH
Shutdown Input High Voltage
2
V
VIL
Shutdown Input Low Voltage
0.8
V
IIH
Shutdown Input High Current
V (Pin 14) = 2.4V
– 140
– 60
– 10
µA
IIL
Shutdown Input Low Current
V (Pin 14) = 0.4V
– 400
– 260
– 130
µA
IS
Supply Current
V (Pin 14) = 2V
10
14
18
mA
ISHDN
Supply Current in Shutdown
V (Pin 14) = 0.8V, V (Pin 6) = V (Pin 8) = 0V
300
500
800
µA
ELECTRICAL C
C
HARA TERISTICS
TA = 25°C, V15 = 5V, V1 = V12 = 0V, V6 = V8 = V14 = 2V, unless otherwise specified.
0
°C ≤ TA ≤ 70°C, V15 = 5V, V1 = V12 = 0V, V6 = V8 = V14 = 2V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Preamp Input Offset Voltage
V (Pin 2) – V (Pin 5)
4
17
mV
Preamp Output Offset Voltage
V (Pin 4) – V (Pin 5)
10
27
mV
Preamp Loop Offset Voltage
V (Pin 3) – V (Pin 5)
30
150
350
mV
High Gain Loop Offset Voltage
V (Pin 9) – V (Pin 5)
400
800
1200
mV
Low Gain Loop Offset Voltage
V (Pin 7) – V (Pin 5)
400
800
1200
mV
AVP
Preamp Transimpedance
±10µA Into Pin 2, Measure ∆V (Pin 4)
8.5
15
18.5
k
Ω
Preamp Output Swing, Positive
100
µA Out of Pin 2, Measure ∆V (Pin 4)
0.2
0.4
0.6
V
Preamp Output Swing, Negative
100
µA Into Pin 2, Measure ∆V (Pin 4)
– 0.6
– 0.4
– 0.2
V
Preamp Loop Rejection, Positive
50
µA Into Pin 2, Measure ∆V (Pin 4)
– 3.5
– 1
3.5
mV
Preamp Loop Rejection, Negative
50
µA Out of Pin 2, Measure ∆V (Pin 4)
– 3.5
1
3.5
mV
Preamp Loop Output Current, Positive
100
µA Out of Pin 2, Measure I (Pin 3), (Note 1)
– 160
– 100
– 40
µA
Preamp Loop Output Current, Negative
100
µA Into Pin 2, Measure I (Pin 3), (Note 1)
40
100
160
µA
VBIAS
Bias Voltage
V (Pin 5)
1.5
1.9
2.3
V
VBYPASS
Bypass Voltage
V (Pin 16)
4.7
4.9
4.97
V
IB
Filter Buffer Input Bias Current
I (Pin 6), I (Pin 8)
0.05
0.5
1.6
µA
Gain Stage Loop Rejection, Positive
∆V = 50mV (Pin 6, Pin 8), Measure ∆V (Pin 7, Pin 9)
0.3
0.45
0.6
V
Gain Stage Loop Rejection, Negative
∆V = –50mV (Pin 6, Pin 8), Measure ∆V (Pin 7, Pin 9)
– 0.6
– 0.45
– 0.3
V
VOH
Fast Comparator Output High Voltage
∆V (Pin 9) = –200mV, 1mA Out of Pin 10 (Note 4)
2.4
3.5
V
Slow Comparator Output High Voltage
∆V (Pin 7) = –200mV, 0.1mA Out of Pin 13 (Note 4)
2.4
3.9
V
VOL
Fast Comparator Output Low Voltage
∆V (Pin 9) = 200mV, 800µA Into Pin 10
0.35
0.5
V
Slow Comparator Output Low Voltage
∆V (Pin 7) = 200mV, 800µA Into Pin 13
0.39
0.5
V
VTH
Threshold External Voltage
100
µA Into Pin 11, V (Pin 11)
0.7
0.9
1.3
V
VIH
Shutdown Input High Voltage
2
V
VIL
Shutdown Input Low Voltage
0.8
V
IIH
Shutdown Input High Current
V (Pin 14) = 2.4V
– 160
– 60
0
µA
IIL
Shutdown Input Low Current
V (Pin 14) = 0.4V
– 450
– 260
– 80
µA
IS
Supply Current
V (Pin 14) = 2V
9
14
20
mA
ISHDN
Supply Current in Shutdown
V (Pin 14) = 0.8V, V (Pin 6) = V (Pin 8) = 0V
200
500
900
µA
Note 1: Measure V (Pin 3) without input current for Pin 2. Force Pin 3 to
this measured voltage (which disables the preamp loop). Measure the
current into and out of Pin 3 when Pin 2 is driven.
Note 2: The gain is the differential voltage at the comparator inputs divided
by the differential voltage between the filter buffer output and VBIAS. This
parameter is not tested.
Note 3: Hysteresis is the difference in comparator trip point measured
when the output is high and when the output is low. This parameter is
not tested.
Note 4: Measure V (Pin 7) and V (Pin 9). Force these voltages to 200mV
below their nominal value to switch the comparators high.
Note 5: The current into Pin 11 is multiplied by 4 and then applied to a
500
Ω resistor on the positive comparator inputs. The threshold is
I (Pin 11) • 4 • 500
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com