Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1317CMS8 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1317CMS8
Description  Micropower, 600kHz PWM DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1317CMS8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1317CMS8 Datasheet HTML 8Page - Linear Technology LT1317CMS8 Datasheet HTML 9Page - Linear Technology LT1317CMS8 Datasheet HTML 10Page - Linear Technology LT1317CMS8 Datasheet HTML 11Page - Linear Technology LT1317CMS8 Datasheet HTML 12Page - Linear Technology LT1317CMS8 Datasheet HTML 13Page - Linear Technology LT1317CMS8 Datasheet HTML 14Page - Linear Technology LT1317CMS8 Datasheet HTML 15Page - Linear Technology LT1317CMS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1317/LT1317B
TYPICAL APPLICATIO S
2-Cell to 5V DC/DC Converter with Undervoltage Lockout
VIN
LBI
SW
FB
LBO
LT1317
L1
10
µH
D1
SHDN
33k
332k
1%
340k
1M
100k
301k
1M
1%
3.3nF
470pF
1317 TA07
D1: MOTOROLA MBR0520LT1
L1: SUMIDA CD43-101
STARTS AT VIN = 1.9V
STOPS AT VIN = 1.6V
VC
GND
2 ALKALINE
CELLS
5V
130mA
22
µF
10V
+
100
µF
10V
+
VIN
SW
FB
LT1317
L1A
20
µH
CERAMIC
10
µF, 16V
L1B
D1
SHDN
33k
100k
432k
1%
VOUT
4.1V
110mA
1M
1%
3.3nF
1317 TA08
D1: MOTOROLA MBR0520LT1
L1: COILTRONICS CTX20-1
Q1: 2N3904
VC
GND
VIN
1.5V TO
10V
15
µF
20V
+
47
µF
10V
+
Q1
Universal Wall Cube to 4.1V
VIN
SW
FB
LT1317/LT1317B
L1
22
µH
D1
SHDN
33k
178k
8.2V
400mA
1M
3.3nF
100pF
1317 TA09
D1: MOTOROLA MBR0520LT1
L1: SUMIDA CD43-220
VC
GND
SHUTDOWN
22
µF
16V
+
47
µF
16V
+
2 Li-ION
CELLS
(5.8V TO
8.4V)
22pF
2 Li-Ion to 8.2V DC/DC Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com