Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1317CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1317CS8
Description  Micropower, 600kHz PWM DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1317CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1317CS8 Datasheet HTML 8Page - Linear Technology LT1317CS8 Datasheet HTML 9Page - Linear Technology LT1317CS8 Datasheet HTML 10Page - Linear Technology LT1317CS8 Datasheet HTML 11Page - Linear Technology LT1317CS8 Datasheet HTML 12Page - Linear Technology LT1317CS8 Datasheet HTML 13Page - Linear Technology LT1317CS8 Datasheet HTML 14Page - Linear Technology LT1317CS8 Datasheet HTML 15Page - Linear Technology LT1317CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1317/LT1317B
TYPICAL APPLICATIO S
SHUTDOWN
L1
22
µH
MBR0520
SHDN
56k
124k
1%
1.07M
1%
3300pF
1317 TA04
L1: SUMIDA CD54-220
VIN
5V
VOUT
12V
150mA
47
µF
+
C2
47
µF
+
VIN
SW
FB
LB0
VC
GND
SHDN
LT1317
SHUTDOWN
VIN
SW
FB
LT1317
L1
10
µH
MBR0520
33k
324k
1%
1M
1%
3300pF
1317 TA05
L1: SUMIDA CD43-100
VC
GND
VOUT
5V
250mA
SINGLE
Li-ION
CELL
(2.7V TO
4.2V)
47
µF
+
47
µF
+
SHDN
VIN
SW
FB
LT1317BCMS8
L1
10
µH
D1
SHDN
33k
332k
1M
3.3nF
1317 TA06
C1: AVX TAJA156M010
C2: MURATA GRM235Y5V106Z01
L1: MURATA LQH3C100 OR SUMIDA CLQ61-100N
D1: MOTOROLA MBR0520LT1
VC
GND
3.3V
5V
125mA
C1
15
µF
10V
+
C2
10
µF
CERAMIC
Low Profile 3.3 to 5V Converter
5V to 12V Boost Converter
5V to 12V Boost Converter Efficiency
Single Li-Ion to 5V DC/DC Converter Efficiency
Single Li-Ion to 5V DC/DC Converter
LOAD CURRENT (mA)
1
90
85
80
75
70
10
100
1317 TA04a
LOAD CURRENT (mA)
1
10
100
1000
90
85
80
75
70
65
60
1317 TA05a
VIN = 4.2V
VIN = 3.5V
VIN = 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com