Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1331 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1331
Description  3V RS562 or 5V/3V RS232 Transceiver with One Receiver Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1331 Datasheet(HTML) 7 Page - Linear Technology

  LT1331 Datasheet HTML 1Page - Linear Technology LT1331 Datasheet HTML 2Page - Linear Technology LT1331 Datasheet HTML 3Page - Linear Technology LT1331 Datasheet HTML 4Page - Linear Technology LT1331 Datasheet HTML 5Page - Linear Technology LT1331 Datasheet HTML 6Page - Linear Technology LT1331 Datasheet HTML 7Page - Linear Technology LT1331 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LT1331
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
ESD PROTECTIO
ESD Test Circuit
The RS232 line inputs of the LT1331 have on-chip protec-
tion from ESD transients up to
±10kV. The protection
structures act to divert the static discharge safely to
system ground. In order for the ESD protection to function
effectively, the power supply and ground pins of the
LT1331 must be connected to ground through low imped-
ances. The power supply decoupling capacitors and charge
pump storage capacitors provide this low impedance in
normal application of the circuit. The only constraint is that
low ESR capacitors must be used for bypassing and
charge storage. ESD testing must be done with pins VCC,
VL, V
+, V– and GND shorted to ground or connected with
low ESR capacitors.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DRIVER 1 IN
RX1 OUT
DRIVER 2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DRIVER 3 IN
RX5 OUT (LOW-Q)
V+
0.1
µF
0.2
µF
0.2
µF
0.1
µF
GND
DRIVER DISABLE
NC
RS232
LINE PINS
PROTECTED
TO
±10kV
V –
LT1331
DRIVER 1 OUT
RX1 IN
DRIVER 2 OUT
RX2 IN
RX3 IN
RX4 IN
DRIVER 3 OUT
RX5 IN (LOW-Q)
ON/OFF
0.1
µF
1331 ESD TC
0.1
µF
3.3V
+
+
+
+
5V VCC
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
N28 1197
0.009 – 0.015
(0.229 – 0.381)
0.625
+0.035
–0.015
+0.889
–0.381
15.87
()
0.600 – 0.625
(15.240 – 15.875)
0.505 – 0.560*
(12.827 – 14.224)
1.455*
(36.957)
MAX
12
3
4
5
6
7
8
9
10
27
19
20
21
22
24
23
25
26
28
11
12
13
14
15
16
17
18
0.070
(1.778)
TYP
0.015
(0.381)
MIN
0.125
(3.175)
MIN
0.150
± 0.005
(3.810
± 0.127)
0.018
± 0.003
(0.457
± 0.076)
0.035 – 0.080
(0.889 – 2.032)
0.100
± 0.010
(2.540
± 0.254)
0.045 – 0.065
(1.143 – 1.651)
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
NW Package
28-Lead PDIP (Wide 0.600)
(LTC DWG # 05-08-1520)
G Package
28-Lead Plastic SSOP (0.209)
(LTC DWG # 05-08-1640)
G28 SSOP 0694
0.301 – 0.311
(7.65 – 7.90)
12 3
4
5
6 7 8
9 10 11 12
14
13
0.397 – 0.407*
(10.07 – 10.33)
25
26
22 21 20 19 18 17 16 15
23
24
27
28
0.068 – 0.078
(1.73 – 1.99)
0.002 – 0.008
(0.05 – 0.21)
0.0256
(0.65)
BSC
0.010 – 0.015
(0.25 – 0.38)
0.005 – 0.009
(0.13 – 0.22)
0
° – 8°
0.022 – 0.037
(0.55 – 0.95)
0.205 – 0.212**
(5.20 – 5.38)
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com