Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR745 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBR745
Description  Schottky Barrier Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR745 Datasheet(HTML) 2 Page - Vishay Siliconix

  MBR745 Datasheet HTML 1Page - Vishay Siliconix MBR745 Datasheet HTML 2Page - Vishay Siliconix MBR745 Datasheet HTML 3Page - Vishay Siliconix MBR745 Datasheet HTML 4Page - Vishay Siliconix MBR745 Datasheet HTML 5Page - Vishay Siliconix MBR745 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBR(F,B)735 thru MBR(F,B)760
Vishay General Semiconductor
www.vishay.com
Document Number: 88680
Revision: 08-Nov-07
2
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
MBR735
MBR745
MBR750
MBR760
UNIT
Maximum instantaneous forward voltage (1)
IF = 7.5 A
IF = 7.5 A
IF = 15 A
IF = 15 A
TC = 25 °C
TC = 125 °C
TC = 25 °C
TC = 125 °C
VF
-
0.57
0.84
0.72
0.75
0.65
-
-
V
Maximum reverse current at DC
blocking voltage
TC = 25 °C
TC = 125 °C
IR
0.1
15
0.5
50
mA
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR
MBRF
MBRB
UNIT
Thermal resistance from junction to case
RθJC
3.0
5.0
3.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AC
MBR745-E3/45
1.80
45
50/tube
Tube
ITO-220AC
MBRF745-E3/45
1.94
45
50/Tube
Tube
TO-263AB
MBRB745-E3/45
1.33
45
50/Tube
Tube
TO-263AB
MBRB745-E3/81
1.33
81
800/reel
Tape reel
TO-220AC
MBR745HE3/45 (1)
1.80
45
50/tube
Tube
ITO-220AC
MBRF745HE3/45 (1)
1.94
45
50/Tube
Tube
TO-263AB
MBRB745HE3/45 (1)
1.33
45
50/Tube
Tube
TO-263AB
MBRB745HE3/81 (1)
1.33
81
800/reel
Tape reel
Figure 1. Forward Current Derating Curve
0
50
100
150
0
2
4
6
8
10
MBR735 - MBR745
MBR750 & MBR760
Resistive or Inductive Load
Case Temperature (°C)
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
1
10
100
50
25
75
100
125
150
175
T
J = TJ max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com