Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1330C Datasheet(PDF) 5 Page - Linear Technology

Part # LT1330C
Description  5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1330C Datasheet(HTML) 5 Page - Linear Technology

  LT1330C Datasheet HTML 1Page - Linear Technology LT1330C Datasheet HTML 2Page - Linear Technology LT1330C Datasheet HTML 3Page - Linear Technology LT1330C Datasheet HTML 4Page - Linear Technology LT1330C Datasheet HTML 5Page - Linear Technology LT1330C Datasheet HTML 6Page - Linear Technology LT1330C Datasheet HTML 7Page - Linear Technology LT1330C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT1330
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
VCC: 5V Input Supply Pin. This pin should be decoupled
with a 0.1
µF ceramic capacitor close to the package pin.
Insufficient supply bypassing can result in low output
drive levels and erratic charge pump operation.
VL: 3V Logic Supply Pin for all RS232 Receivers. Like VCC,
the VL input should be decoupled with a 0.1µF ceramic
capacitor. This pin may also be connected to 5V.
GND: Ground Pin.
ON/OFF: TTL/CMOS Compatible Operating Mode Control.
A logic low puts the device in the low power shutdown
mode. All three drivers and four receivers (RX1, RX2, RX3,
and RX4) assume a high impedance output state in shut-
down. Only receiver RX5 remains active while the trans-
ceiver is in shutdown. The transceiver consumes only
PI FU CTIO S
60
µA of supply current while in shutdown. A logic high
fully enables the transceiver.
DRIVER DISABLE: This pin provides an alternate control
for the charge pump and RS232 drivers. A logic high on
this pin shuts down the charge pump and places all driver
outputs in a high impedance state. All five receivers remain
active under these conditions. Floating the driver disable
pin or driving it to a logic low level fully enables the
transceiver. A logic low on the ON/OFF pin supersedes the
state of the DRIVER DISABLE pin. Supply current drops to
3mA when in driver disable mode.
V+: Positive Supply Output. V+
≈ 2VCC – 1.5V. This pin
requires an external charge storage capacitor, C
≥ 1.0µF,
tied to ground or 5V. Larger value capacitors may be used
Receiver Output Waveforms
RX5 OUTPUT
CL = 50pF
Receiver Short-Circuit Current
Driver Short-Circuit Current
TEMPERATURE (°C)
–55
0
15
40
0
50
75
1330 G11
10
35
25
–25
25
100
125
30
20
5
RX1 TO RX4
ISC+
RX1 TO RX4
ISC–
RX5 ISC+
RX5 ISC–
TEMPERATURE (
°C)
–55
20
25
30
25
75
1330 G10
15
10
–25
0
50
100
125
5
0
ISC
+
ISC
–
VL = 3V
INPUT
1330 G13
INPUT
DRIVER OUTPUT
RL = 3k
DRIVER OUTPUT
RL = 3k
CL = 2500pF
RX1 TO RX4
OUTPUT
CL = 50pF
1330 G12
Driver Output Waveforms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com