Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5511 Datasheet(PDF) 2 Page - Linear Technology

Part # LT5511
Description  High Signal Level Upconverting Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5511 Datasheet(HTML) 2 Page - Linear Technology

  LT5511_15 Datasheet HTML 1Page - Linear Technology LT5511_15 Datasheet HTML 2Page - Linear Technology LT5511_15 Datasheet HTML 3Page - Linear Technology LT5511_15 Datasheet HTML 4Page - Linear Technology LT5511_15 Datasheet HTML 5Page - Linear Technology LT5511_15 Datasheet HTML 6Page - Linear Technology LT5511_15 Datasheet HTML 7Page - Linear Technology LT5511_15 Datasheet HTML 8Page - Linear Technology LT5511_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT5511
2
5511f
Supply Voltage ....................................................... 5.5V
Enable Voltage ................................ –0.3V to VCC + 0.3V
LO Input Power (Differential) .............................. 10dBm
IF Input Power (Differential) ............................... 10dBm
IF+, IF– DC Currents .............................................. 25mA
Operating Temperature Range .................–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering, 10sec)................... 300
°C
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 38°C/W
EXPOSED PAD IS GROUND
(MUST BE SOLDERED TO
PRINTED CIRCUIT BOARD)
LT5511EFE
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
LO–
NC
GND
IF+
IF–
GND
VCCBIAS
GND
LO+
VCCLO
GND
RF+
RF–
GND
EN
NC
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 5VDC, EN = High, TA = 25°C
IF Input Frequency Range (Note 6)
1 to 300
MHz
LO Input Frequency Range (Note 6)
30 to 2700
MHz
RF Output Frequency Range (Note 6)
10 to 3000
MHz
950MHz Application: (Test Circuit Shown in Figure 2) VCC = 5VDC, EN = High, TA = 25°C, IF Input = 50MHz at –5dBm, LO Input = 1GHz at –10dBm,
RF Output Measured at 950MHz, unless otherwise noted. (Notes 2, 3)
IF Input Return Loss
With External Matching, ZO = 50Ω
14
dB
LO Input Power
–15 to –5
dBm
LO Input Return Loss
With External Matching, ZO = 50Ω
14
dB
RF Output Return Loss
With External Matching, ZO = 50Ω
17
dB
Conversion Gain
0dB
LO to RF Leakage
–46
dBm
Input 1dB Compression
5.9
dBm
Input 3rd Order Intercept
Two-Tone, –5dBm/Tone,
∆f = 1MHz
17
dBm
Input 2nd Order Intercept
Single-Tone, –5dBm
52
dBm
SSB Noise Figure
15
dB
FE PART MARKING
5511EFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com