Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5512 Datasheet(PDF) 2 Page - Linear Technology

Part # LT5512
Description  1kHz-3GHz High Signal Level Active Mixer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5512 Datasheet(HTML) 2 Page - Linear Technology

  LT5512_15 Datasheet HTML 1Page - Linear Technology LT5512_15 Datasheet HTML 2Page - Linear Technology LT5512_15 Datasheet HTML 3Page - Linear Technology LT5512_15 Datasheet HTML 4Page - Linear Technology LT5512_15 Datasheet HTML 5Page - Linear Technology LT5512_15 Datasheet HTML 6Page - Linear Technology LT5512_15 Datasheet HTML 7Page - Linear Technology LT5512_15 Datasheet HTML 8Page - Linear Technology LT5512_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT5512
2
5512fa
Supply Voltage (VCC1, VCC2, IF
+, IF–)........................5.5V
Enable Voltage .................................–0.3V to VCC + 0.3V
LO+ to LO– Differential Voltage ..............................±1.5V
.................................................... (+6dBm equivalent)
RF+ to RF– Differential Voltage ...............................±0.7V
.................................................. (+11dBm equivalent)
Operating Temperature Range ................. –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
Junction Temperature (TJ) .................................... 125°C
(Note 1)
(Test Circuit Shown in Figure 2) VCC = 5V, EN = High,
TA = 25°C (Note 3), unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Enable (EN) Low = Off, High = On
Turn On Time
3
μs
Turn Off Time
13
μs
Input Current
VENABLE = 5V
50
μA
Enable = High (On)
3V
Enable = Low (Off)
0.3
V
Power Supply Requirements (VCC)
Supply Voltage
4.5
5.25
V
Supply Current
56
74
mA
Shutdown Current
EN = Low
100
μA
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
16 15 14 13
5
6
7
8
TOP VIEW
UF PACKAGE
16-LEAD (4mm
× 4mm) PLASTIC QFN
EXPOSED PAD IS GROUND (PIN 17)
(MUST BE SOLDERED TO PCB)
9
10
11
12
4
3
2
1
NC
RF+
RF–
NC
GND
IF+
IF–
GND
17
ORDER PART NUMBER
PART MARKING
LT5512EUF
5512
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
DC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF Input Frequency Range
Requires Appropriate Matching
0.001 to 3000
MHz
LO Input Frequency Range
Requires Appropriate Matching
0.001 to 3000
MHz
IF Output Frequency Range
Requires Appropriate Matching
0.001 to 2000
MHz
LO Input Power
1kHz to 1700MHz (Resistive Match)
1200MHz to 3000MHz (Reactive Match)
–11
–18
–5
–10
1
–2
dBm
dBm
TJMAX = 125°C, θJA = 37°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com