Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5526 Datasheet(PDF) 2 Page - Linear Technology

Part # LT5526
Description  High Linearity, Low Power Downconverting Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5526 Datasheet(HTML) 2 Page - Linear Technology

  LT5526_15 Datasheet HTML 1Page - Linear Technology LT5526_15 Datasheet HTML 2Page - Linear Technology LT5526_15 Datasheet HTML 3Page - Linear Technology LT5526_15 Datasheet HTML 4Page - Linear Technology LT5526_15 Datasheet HTML 5Page - Linear Technology LT5526_15 Datasheet HTML 6Page - Linear Technology LT5526_15 Datasheet HTML 7Page - Linear Technology LT5526_15 Datasheet HTML 8Page - Linear Technology LT5526_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT5526
5526f
ORDER PART
NUMBER
(Note 1)
Supply Voltage ...................................................... 5.5V
Enable Voltage ............................... –0.3V to VCC + 0.3V
LO Input Power ............................................... +10dBm
LO+ to LO– Differential DC Voltage ......................... ±1V
RF Input Power ................................................ +10dBm
RF+ to RF– Differential DC Voltage ....................... ±0.7V
Operating Temperature Range ................ – 40°C to 85°C
Storage Temperature Range ................. – 65°C to 125°C
Junction Temperature (TJ)................................... 125°C
LT5526EUF
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 17) IS GND,
MUST BE SOLDERED TO PCB.
NC PINS SHOULD BE GROUNDED
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
VCC = 5V, EN = 3V, TA = 25°C (Note 3), unless otherwise noted. Test circuit shown in Figure 1.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
16 15 14 13
5
6
7
8
TOP VIEW
17
UF PACKAGE
16-LEAD (4mm × 4mm) PLASTIC QFN
9
10
11
12
4
3
2
1
NC
RF+
RF–
NC
GND
IF+
IF–
GND
UF PART
MARKING
5526
DC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS (Notes 2, 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF Input Frequency Range (Note 4)
Requires RF Matching
0.1 to 2000
MHz
LO Input Frequency Range (Note 4)
Requires DC Blocks
0.1 to 2500
MHz
IF Output Frequency Range (Note 4)
Requires IF Matching
0.1 to 1000
MHz
VCC = 5V, EN = 3V, TA = 25°C. Test circuits shown in Figures 1 and 2. (Notes 2, 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF Input Return Loss
ZO = 50Ω, External Match
15
dB
LO Input Return Loss
ZO = 50Ω, External DC Blocks
15
dB
IF Output Return Loss
ZO = 50Ω, External Match
15
dB
LO Input Power
–10 to 0
dBm
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Requirements (VCC)
Supply Voltage
3.6
5
5.3
V
Supply Current
VCC = 5V
28
33
mA
Shutdown Current
EN = Low
100
µA
Enable (EN) Low = Off, High = On
EN Input High Voltage (On)
3V
EN Input Low Voltage (Off)
0.3
V
Enable Pin Input Current
EN = 5V
55
µA
EN = 0V
0.01
µA
Turn-On Time (Note 5)
3
µs
Turn-Off Time (Note 5)
6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com