Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5537 Datasheet(PDF) 2 Page - Linear Technology

Part # LT5537
Description  Wide Dynamic Range RF/IF Log Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5537 Datasheet(HTML) 2 Page - Linear Technology

  LT5537_15 Datasheet HTML 1Page - Linear Technology LT5537_15 Datasheet HTML 2Page - Linear Technology LT5537_15 Datasheet HTML 3Page - Linear Technology LT5537_15 Datasheet HTML 4Page - Linear Technology LT5537_15 Datasheet HTML 5Page - Linear Technology LT5537_15 Datasheet HTML 6Page - Linear Technology LT5537_15 Datasheet HTML 7Page - Linear Technology LT5537_15 Datasheet HTML 8Page - Linear Technology LT5537_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT5537
5537fa
(Note 1)
Power Supply Voltage ........................................... 5.5V
Enable Voltage ................................... –0.2V, VCC + 0.2V
Input Power (Note 2) ......................................... 22dBm
Operating Ambient Temperature Range .. – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 125°C
Maximum Junction Temperature ......................... 125
°C
ABSOLUTE
AXI U
RATI GS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
PACKAGE/ORDER I FOR ATIO
LT5537EDDB
ORDER PART NUMBER
DDB PART MARKING
LBJR
θJA = 76°C/W
EXPOSED PAD (PIN 9) SHOULD BE SOLDERED TO PCB
TOP VIEW
9
DDB PACKAGE
8-LEAD (3mm
´ 2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
ENBL
IN+
IN
CAP+
OUT
VEE
VCC
CAP
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
VCC = 3V, ENBL = 3V, TA = 25°C, unless otherwise specified. (Notes 3, 4)
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Signal Input
Input Frequency Range
(Note 5)
10 to 1000
MHz
Maximum Input Power for Monotonic Output
50
Ω Termination
200MHz
14.0
dBm
600MHz
11.6
dBm
1GHz
9.4
dBm
DC Common Mode Voltage
VCC – 0.4
V
Small-Signal Impedance
Measured at 200MHz
1.73k
Ω //1.45pF
f = 10MHz
Linear Dynamic Range
±3dB Error
88.8
dB
±1dB Error
72.5
dB
Slope
R1 = 33k (Note 8)
19.6
mV/dB
Intercept
VOUT = 0V, Extrapolated
–97
dBm
Sensitivity
(Notes 3, 7)
–76.7
dBm
Temperature Coefficient
PIN = –20dBm
–0.007
dB/
°C
f = 50MHz
Linear Dynamic Range
±3dB Error
90.6
dB
±1dB Error
81.0
dB
Slope
R1 = 33k (Note 8)
20
mV/dB
Intercept
VOUT = 0V, Extrapolated
–96
dBm
Sensitivity
(Notes 3, 7)
–77.2
dBm
Temperature Coefficient
PIN = –20dBm
–0.005
dB/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com