Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5578 Datasheet(PDF) 2 Page - Linear Technology

Part # LT5578
Description  0.4GHz to 2.7GHz High Linearity Upconverting Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5578 Datasheet(HTML) 2 Page - Linear Technology

  LT5578_15 Datasheet HTML 1Page - Linear Technology LT5578_15 Datasheet HTML 2Page - Linear Technology LT5578_15 Datasheet HTML 3Page - Linear Technology LT5578_15 Datasheet HTML 4Page - Linear Technology LT5578_15 Datasheet HTML 5Page - Linear Technology LT5578_15 Datasheet HTML 6Page - Linear Technology LT5578_15 Datasheet HTML 7Page - Linear Technology LT5578_15 Datasheet HTML 8Page - Linear Technology LT5578_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT5578
2
5578f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ............................................................4V
LO Input Power....................................................10dBm
LO Input DC Current ..............................................30mA
RF Output DC Current ............................................45mA
IF Input Power (Differential).................................18dBm
IF+, IF– DC Currents ...............................................45mA
TJMAX .................................................................... 150°C
Operating Temperature Range.................. –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
(Note 1)
24 23 22 21 20 19
7
8
9
TOP VIEW
25
UH PACKAGE
24-LEAD (5mm
5mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
GND
GND
IF+
IF–
GND
GND
GND
GND
GND
RF
GND
GND
TJMAX = 150°C, θJA = 34°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT5578IUH#PBF
LT5578IUH#TRPBF
5578
24-Lead (5mm
× 5mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
DC ELECTRICAL CHARACTERISTICS VCC = 3.3V, TA = 25°C (Note 3), unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Requirements (VCC)
Supply Voltage
3.1
3.3
3.5
VDC
Supply Current
VCC = 3.3V, PLO = –1dBm
VCC = 3.5V, PLO = –1dBm
152
159
170
mA
mA
Input Common Mode Voltage (VCM)
Internally Regulated
565
mV
AC ELECTRICAL CHARACTERISTICS (Notes 2, 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IF Input Frequency Range (Note 4)
Requires Matching
LF to 600
MHz
LO Input Frequency Range (Note 4)
Requires Matching Below 1.5GHz
400 to 3000
MHz
RF Output Frequency Range (Note 4)
Requires Matching
400 to 2700
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com