Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1351CMS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1351CMS8
Description  250uA, 3MHz, 200V/us Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1351CMS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1351CMS8 Datasheet HTML 8Page - Linear Technology LT1351CMS8 Datasheet HTML 9Page - Linear Technology LT1351CMS8 Datasheet HTML 10Page - Linear Technology LT1351CMS8 Datasheet HTML 11Page - Linear Technology LT1351CMS8 Datasheet HTML 12Page - Linear Technology LT1351CMS8 Datasheet HTML 13Page - Linear Technology LT1351CMS8 Datasheet HTML 14Page - Linear Technology LT1351CMS8 Datasheet HTML 15Page - Linear Technology LT1351CMS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1351
© LINEAR TECHNOLOGY CORPORATION 1996
1351fa LT/TP 0498 REV A 2K • PRINTED IN USA
TYPICAL APPLICATION
Low Power Sample-and-Hold
LT1351
LTC201
LT1351
2000pF
1351 TA06
VIN
VOUT
DROOP: 20nA/2000pF = 10mV/ms
ACQUISITION TIME: 10V, 0.1% = 2
µs
CHARGE INJECTION ERROR: 8pC/2000pF = 4mV
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LT1352/LT1353
Dual/Quad 250
µA, 3MHz, 200V/µs Op Amp
Good DC Precision, Stable with All Capacitive Loads
LT1354
1mA, 12MHz, 400V/
µs Op Amp
Good DC Precision, Stable with All Capacitive Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com