Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1353 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1353
Description  Dual and Quad 250uA, 3MHz, 200V/us Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1353 Datasheet(HTML) 3 Page - Linear Technology

  LT1353 Datasheet HTML 1Page - Linear Technology LT1353 Datasheet HTML 2Page - Linear Technology LT1353 Datasheet HTML 3Page - Linear Technology LT1353 Datasheet HTML 4Page - Linear Technology LT1353 Datasheet HTML 5Page - Linear Technology LT1353 Datasheet HTML 6Page - Linear Technology LT1353 Datasheet HTML 7Page - Linear Technology LT1353 Datasheet HTML 8Page - Linear Technology LT1353 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1352/LT1353
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
AVOL
Large-Signal Voltage Gain
VOUT = ±12V, RL = 5k
±15V
40
80
V/mV
VOUT = ±10V, RL = 2k
±15V
30
60
V/mV
VOUT = ±10V, RL = 1k
±15V
20
40
V/mV
VOUT = ±2.5V, RL = 5k
±5V
30
60
V/mV
VOUT = ±2 .5V, RL = 2k
±5V
25
50
V/mV
VOUT = ±2.5V, RL = 1k
±5V
15
30
V/mV
VOUT = ±1V, RL = 5k
±2.5V
20
40
V/mV
VOUT
Output Swing
RL = 5k, VIN = ±10mV
±15V
13.5
14.0
±V
RL = 2k, VIN = ±10mV
±15V
13.4
13.8
±V
RL = 1k, VIN = ±10mV
±15V
13.0
13.4
±V
RL = 1k, VIN = ±10mV
±5V
3.5
4.0
±V
RL= 500Ω, VIN = ±10mV
±5V
3.4
3.8
±V
RL = 5k, VIN = ±10mV
±2.5V
1.3
1.7
±V
IOUT
Output Current
VOUT = ±13V
±15V
13.0
13.4
mA
VOUT = ±3.4V
±5V
6.8
7.6
mA
ISC
Short-Circuit Current
VOUT = 0V, VIN = ±3V
±15V
30
45
mA
SR
Slew Rate
AV = – 1, RL = 5k (Note 2)
±15V
120
200
V/
µs
±5V
30
50
V/
µs
Full-Power Bandwidth
10V Peak (Note 3)
±15V
3.2
MHz
3V Peak (Note 3)
±5V
2.6
MHz
GBW
Gain Bandwidth
f = 200kHz, RL = 10k
±15V
2.0
3.0
MHz
± 5V
1.8
2.7
MHz
± 2.5V
2.5
MHz
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, 0.1V
±15V
46
ns
±5V
53
ns
Overshoot
AV = 1, 0.1V
±15V
13
%
±5V
16
%
Propagation Delay
50% VIN to 50% VOUT, 0.1V
±15V
41
ns
±5V
52
ns
ts
Settling Time
10V Step, 0.1%, AV = – 1
±15V
700
ns
10V Step, 0.01%, AV = – 1
±15V
1250
ns
5V Step, 0.1%, AV = – 1
±5V
950
ns
5V Step, 0.01%, AV = – 1
±5V
1400
ns
RO
Output Resistance
AV = 1, f = 20kHz
±15V
1.5
Ω
Channel Separation
VOUT = ±10V, RL = 2k
±15V
101
120
dB
IS
Supply Current
Each Amplifier
±15V
250
320
µA
Each Amplifier
±5V
230
300
µA
ELECTRICAL CHARACTERISTICS T
A = 25°C, VCM = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
±15V
0.8
mV
±5V
0.8
mV
±2.5V
1.0
mV
Input VOS Drift
(Note 4)
±2.5V to ±15V
3
8
µV/°C
IOS
Input Offset Current
±2.5V to ±15V
20
nA
IB
Input Bias Current
±2.5V to ±15V
75
nA
0
°C ≤ TA ≤ 70°C, VCM = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com