Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1356 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1356
Description  Dual and Quad 12MHz, 400V/us Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1356 Datasheet(HTML) 2 Page - Linear Technology

  LT1356 Datasheet HTML 1Page - Linear Technology LT1356 Datasheet HTML 2Page - Linear Technology LT1356 Datasheet HTML 3Page - Linear Technology LT1356 Datasheet HTML 4Page - Linear Technology LT1356 Datasheet HTML 5Page - Linear Technology LT1356 Datasheet HTML 6Page - Linear Technology LT1356 Datasheet HTML 7Page - Linear Technology LT1356 Datasheet HTML 8Page - Linear Technology LT1356 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1355/LT1356
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
±15V
0.3
0.8
mV
±5V
0.3
0.8
mV
±2.5V
0.4
1.0
mV
IOS
Input Offset Current
±2.5V to ±15V
20
70
nA
IB
Input Bias Current
±2.5V to ±15V
80
300
nA
en
Input Noise Voltage
f = 10kHz
±2.5V to ±15V
10
nV/
√Hz
in
Input Noise Current
f = 10kHz
±2.5V to ±15V
0.6
pA/
√Hz
RIN
Input Resistance
VCM = ±12V
±15V
70
160
M
Ω
Input Resistance
Differential
±15V
11
M
Ω
CIN
Input Capacitance
±15V
3
pF
Total Supply Voltage (V+ to V–) ............................... 36V
Differential Input Voltage
(Transient Only) (Note 2)...................................
±10V
Input Voltage ............................................................
±VS
Output Short-Circuit Duration (Note 3) ............ Indefinite
ABSOLUTE MAXIMUM RATINGS
Operating Temperature Range (Note 7) .. – 40
°C to 85°C
Specified Temperature Range (Note 8) ... – 40
°C to 85°C
Maximum Junction Temperature (See Below)
Plastic Package ................................................ 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 190°C/ W
TJMAX = 150°C, θJA = 130°C/ W
LT1355CS8
S8 PART MARKING
1355
LT1355CN8
ORDER PART
NUMBER
ORDER PART
NUMBER
LT1356CS
LT1356CN
TJMAX = 150°C, θJA = 150°C/ W
TJMAX = 150°C, θJA = 110°C/ W
TA = 25°C, VCM = 0V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Consult factory for Industrial and Military grade parts.
V+
D
14
13
12
11
10
9
8
7
6
5
4
3
2
1
OUT A
–IN A
+IN A
+IN B
–IN B
OUT B
OUT C
V –
–IN D
OUT D
TOP VIEW
A
+IN D
+IN C
–IN C
C
B
N PACKAGE
14-LEAD PDIP
8
7
6
5
4
3
2
1
–IN A
+IN A
V+
TOP VIEW
N8 PACKAGE
8-LEAD PDIP
OUT A
OUT B
V–
–IN B
+IN B
A
B
V+
D
16
15
14
13
12
11
10
7
6
5
4
3
2
1
OUT A
–IN A
+IN A
+IN B
–IN B
OUT B
OUT C
9
8
NC
NC
V –
–IN D
OUT D
TOP VIEW
A
+IN D
+IN C
–IN C
C
B
S PACKAGE
16-LEAD PLASTIC SO
8
7
6
5
4
3
2
1
–IN A
+IN A
V+
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
OUT A
OUT B
V –
–IN B
+IN B
A
B
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com