Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1356CS Datasheet(PDF) 6 Page - Linear Technology

Part # LT1356CS
Description  Dual and Quad 12MHz, 400V/us Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1356CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1356CS Datasheet HTML 2Page - Linear Technology LT1356CS Datasheet HTML 3Page - Linear Technology LT1356CS Datasheet HTML 4Page - Linear Technology LT1356CS Datasheet HTML 5Page - Linear Technology LT1356CS Datasheet HTML 6Page - Linear Technology LT1356CS Datasheet HTML 7Page - Linear Technology LT1356CS Datasheet HTML 8Page - Linear Technology LT1356CS Datasheet HTML 9Page - Linear Technology LT1356CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1355/LT1356
TYPICAL PERFORMANCE CHARACTERISTICS
Settling Time vs Output Step
(Noninverting)
Open-Loop Gain vs Temperature
Output Short-Circuit Current vs
Temperature
SETTLING TIME (ns)
–10
–6
–4
–8
10
8
6
4
–2
2
0
50
200
300
350
250
100
150
1355/1356 G11
VS = ±15V
AV = 1
10mV
10mV
1mV
1mV
SUPPLY VOLTAGE (
±V)
V –
1
2
3
V +
–1
–3
–2
10
5
015
20
1355/1356 G08
RL = 1k
RL = 500Ω
TA = 25°C
RL = 500Ω
RL = 1k
Output Voltage Swing vs
Supply Voltage
TEMPERATURE (
°C)
88
90
89
97
96
95
94
92
91
93
– 50
–25
25
100
125
50
75
0
1355/1356 G07
VS = ±15V
RL = 1k
VO = ±12V
TEMPERATURE (
°C)
20
25
65
60
55
40
35
30
45
50
– 50
–25
25
100
125
50
75
0
1355/1356 G10
VS = ±5V
SINK
SOURCE
SETTLING TIME (ns)
–10
–6
–4
–8
10
8
6
4
–2
2
0
50
200
300
350
250
100
150
1355/1356 G12
VS = ±15V
AV = –1
10mV
10mV
1mV
1mV
Settling Time vs Output Step
(Inverting)
Output Voltage Swing vs
Load Current
OUTPUT CURRENT (mA)
V – + 0.5
1.5
2.0
1.0
V +– 0.5
–1.0
–1.5
–2.0
2.5
–2.5
– 50 – 40
–10
30 40
50
010 20
–20
–30
1355/1356 G09
VS = ±5V
VIN = 100mV
85
°C
85
°C
25
°C
–40
°C
–40
°C
25
°C
Open-Loop Gain vs
Resistive Load
LOAD RESISTANCE (
Ω)
10
50
60
100
100
10k
1355/1356 G06
80
70
1k
90
VS = ±5V
VS = ±15V
TA = 25°C
FREQUENCY (Hz)
10
1
10
in
100
0.1
1
10
en
1k
100
100k
10k
1355/1356 G05
VS = ±15V
TA = 25°C
AV = 101
RS = 100k
Input Noise Spectral Density
TEMPERATURE (
°C)
0
50
25
200
175
150
75
125
100
– 50
–25
25
100
125
50
75
0
1355/1356 G04
VS = ±15V
IB =
IB
+ + I
B
–
————
2
Input Bias Current vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com