Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1355CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1355CS8
Description  Dual and Quad 12MHz, 400V/us Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1355CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1355CS8 Datasheet HTML 7Page - Linear Technology LT1355CS8 Datasheet HTML 8Page - Linear Technology LT1355CS8 Datasheet HTML 9Page - Linear Technology LT1355CS8 Datasheet HTML 10Page - Linear Technology LT1355CS8 Datasheet HTML 11Page - Linear Technology LT1355CS8 Datasheet HTML 12Page - Linear Technology LT1355CS8 Datasheet HTML 13Page - Linear Technology LT1355CS8 Datasheet HTML 14Page - Linear Technology LT1355CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1355/LT1356
1355/1356 SS01
OUT
+IN
–IN
V+
V–
R1
800
Ω
CC
RC
C
SCHE ATIC
SI PLIFIED
Power Dissipation
The LT1355/LT1356 combine high speed and large output
drive in small packages. Because of the wide supply
voltage range, it is possible to exceed the maximum
junction temperature under certain conditions. Maximum
junction temperature (TJ) is calculated from the ambient
temperature (TA) and power dissipation (PD) as follows:
LT1355CN8: TJ = TA + (PD x 130°C/W)
LT1355CS8: TJ = TA + (PD x 190°C/W)
LT1356CN:
TJ = TA + (PD x 110°C/W)
LT1356CS:
TJ = TA + (PD x 150°C/W)
Worst case power dissipation occurs at the maximum
supply current and when the output voltage is at 1/2 of
either supply voltage (or the maximum swing if less than
1/2 supply voltage). For each amplifier PDMAX is:
PDMAX = (V+ – V–)(ISMAX) + (V+/2)2/RL
Example: LT1356 in S16 at 70
°C, VS = ±15V, RL = 1k
PDMAX = (30V)(1.45mA) + (7.5V)2/1kW = 99.8mW
TJMAX = 70°C + (4 × 99.8mW)(150°C/W) = 130°C
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com