Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1360CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1360CS8
Description  50MHz, 800V/us Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1360CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1360CS8 Datasheet HTML 8Page - Linear Technology LT1360CS8 Datasheet HTML 9Page - Linear Technology LT1360CS8 Datasheet HTML 10Page - Linear Technology LT1360CS8 Datasheet HTML 11Page - Linear Technology LT1360CS8 Datasheet HTML 12Page - Linear Technology LT1360CS8 Datasheet HTML 13Page - Linear Technology LT1360CS8 Datasheet HTML 14Page - Linear Technology LT1360CS8 Datasheet HTML 15Page - Linear Technology LT1360CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1360
1360fa LT/TP 0400 2K REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1994
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
TYPICAL APPLICATIONS
Photodiode Preamp with AC Coupling Loop
1MHz, 4th Order Butterworth Filter
1360 TA04
VIN
1.1k
2.21k
22pF
909
Ω
47pF
470pF
VOUT
–
+
–
+
1.1k
2.67k
909
Ω
220pF
LT1360
LT1360
1360 TA03
–5V
1pF
10k
SFH205
iPD
±5V
100KHz, 5.5MHz
VS =
f–3dB =
–
+
–
+
1N5712
1N5712
10k
300pF
10k
2k
VOUT
1
µF
5.1k
–
+
2k
1/2 LT1358
1/2 LT1358
LT1360
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1361/LT1362
Dual and Quad 50MHz, 800V/
µs Op Amps
Dual and Quad Versions of LT1360
LT1363
70MHz, 1000V/
µs Op Amp
Faster Version of LT1360, VOS = 1.5mV, IS = 6.3mA
LT1357
25MHz, 600V/
µs Op Amp
Lower Power Version of LT1360, VOS = 0.6mV, IS = 2mA
LT1812
100MHz, 750V/
µs Op Amp
Low Voltage, Low Power LT1360, VOS = 1mV, IS = 3mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com