Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1358CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1358CS8
Description  Dual and Quad 25MHz, 600V/us Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1358CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1358CS8 Datasheet HTML 4Page - Linear Technology LT1358CS8 Datasheet HTML 5Page - Linear Technology LT1358CS8 Datasheet HTML 6Page - Linear Technology LT1358CS8 Datasheet HTML 7Page - Linear Technology LT1358CS8 Datasheet HTML 8Page - Linear Technology LT1358CS8 Datasheet HTML 9Page - Linear Technology LT1358CS8 Datasheet HTML 10Page - Linear Technology LT1358CS8 Datasheet HTML 11Page - Linear Technology LT1358CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1358/LT1359
Small-Signal Transient
(AV = 1)
TYPICAL PERFORMANCE CHARACTERISTICS
Small-Signal Transient
(AV = –1)
Small-Signal Transient
(AV = –1, CL = 1000pF)
APPLICATIONS INFORMATION
1358/1359 G31
1358/1359 G32
Large-Signal Transient
(AV = 1, CL = 10,000pF)
Large-Signal Transient
(AV = –1)
Large-Signal Transient
(AV = 1)
1358/1359 G36
1358/1359 G35
1358/1359 G33
1358/1359 G34
Layout and Passive Components
The LT1358/LT1359 amplifiers are easy to use and toler-
ant of less than ideal layouts. For maximum performance
(for example, fast 0.01% settling) use a ground plane,
short lead lengths, and RF-quality bypass capacitors
(0.01
µF to 0.1µF). For high drive current applications use
low ESR bypass capacitors (1
µF to 10µF tantalum).
The parallel combination of the feedback resistor and gain
setting resistor on the inverting input combine with the
input capacitance to form a pole which can cause peaking
or oscillations. If feedback resistors greater than 5k are
used, a parallel capacitor of value
CF > RG x CIN / RF
should be used to cancel the input pole and optimize
dynamic performance. For unity-gain applications where
a large feedback resistor is used, CF should be greater than
or equal to CIN.
Capacitive Loading
The LT1358/LT1359 are stable with any capacitive load.
As the capacitive load increases, both the bandwidth and
phase margin decrease so there will be peaking in the
frequency domain and in the transient response. Coaxial
cable can be driven directly, but for best pulse fidelity a
resistor of value equal to the characteristic impedance of
the cable (i.e., 75
Ω) should be placed in series with the
output. The other end of the cable should be terminated
with the same value resistor to ground.
Input Considerations
Each of the LT1358/LT1359 inputs is the base of an NPN
and a PNP transistor whose base currents are of opposite
polarity and provide first-order bias current cancellation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com