Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1366 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1366
Description  Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1366 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1366 Datasheet HTML 9Page - Linear Technology LT1366 Datasheet HTML 10Page - Linear Technology LT1366 Datasheet HTML 11Page - Linear Technology LT1366 Datasheet HTML 12Page - Linear Technology LT1366 Datasheet HTML 13Page - Linear Technology LT1366 Datasheet HTML 14Page - Linear Technology LT1366 Datasheet HTML 15Page - Linear Technology LT1366 Datasheet HTML 16Page - Linear Technology LT1366 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT1366/LT1367
LT1368/LT1369
APPLICATIONS INFORMATION
Improved Supply Rejection in the LT1368/LT1369
The LT1368/LT1369 are variations of the LT1366/LT1367
offering greater supply rejection and lower high frequency
output impedance. The LT1368/LT1369 require a 0.1
µF
load capacitance for compensation. The output capaci-
tance forms a filter, which reduces pickup from the supply
and lowers the output impedance. This additional filtering
is helpful in mixed analog/digital systems with common
supplies, or systems employing switching supplies. Filter-
ing also reduces high frequency noise, which may be
beneficial when driving A/D converters.
Figure 4 shows the outputs of the LT1366/LT1368 per-
turbed by a 200mVP-P 50kHz square wave added to the
positive supply. The LT1368’s power supply rejection is
about ten times greater than that of the LT1366 at 50kHz.
Note the 5-to-1 scale change in the output voltage traces.
The tolerance of the external compensation capacitor is
not critical. The plots of Overshoot vs Load Current in the
Typical Performance Characteristics section illustrate the
effect of a capacitive load.
Figure 4b. LT1368 Power Supply Rejection Test
2
µs/DIV
LT1366 F04b
V +
(AC)
VOUT
Figure 4a. LT1366 Power Supply Rejection Test
2
µs/DIV
LT1366 F04a
VOUT
V +
(AC)
TYPICAL APPLICATIONS
Buffering A/D Converters
Figure 5 shows the LT1368 driving an LTC
®1288
2-channel micropower A/D Converter (ADC). The LTC1288
can accommodate voltage references and input signals
equal to the supply rails. The sampling nature of this ADC
eliminates the need for an external sample-and-hold, but
may call for a drive amplifier because of the ADC’s 12
µs
settling requirement. The LT1368’s rail-to-rail operation
and low input offset voltage make it well-suited for low
power, low frequency A/D applications. Either the LT1366
or LT1368 could be used for this application. However, for
low frequencies (f < 1kHz) the LT1368 provides better
supply rejection.
Figure 5. 2-Channel Low Power A/D Converter
CS/SHDN
CH0
CH1
GND
VCC (REF)
CLK
DOUT
DIN
LTC1288
–
+
–
+
TO
µP
1
µF
0.1
µF
0.1
µF
0.1
µF
VCC
V0
V1
1/2 LT1368
1/2 LT1368
LT1366 FO5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com