Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS1KLS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # RS1KLS
Description  Surface Mount Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RS1KLS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  RS1KLS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RS1KLS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd RS1KLS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd RS1KLS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
RS1MLS
(TA=25
oC unless otherwise noted)
Document Number: DS_D1407030
Version: C14
RS1MLS
RS1MLSHRVG
Green compound
DESCRIPTION
AEC-Q101 qualified
Green compound
G
RV
H
RV
G
Prefix "H"
10,000 / 13" Reel
3,000 / 7" Reel
PACKING
AEC-Q101
QUALIFIED
Suffix "G"
SOD123HE
RQ
PACKING CODE
RS1JLS - RS1MLS
ORDERING INFORMATION
RS1xLS
(Note 1, 2)
Taiwan Semiconductor
SOD123HE
PACKING CODE GREEN COMPOUND
CODE
PACKAGE
RV
AEC-Q101
QUALIFIED
Note 1: "x" defines voltage from 600V (RS1JLS) to 1000V (RS1MLS)
EXAMPLE
PREFERRED P/N
RS1MLS RVG
Note 2: Whole series with green compound (halogen-free)
RATINGS AND CHARACTERISTICS CURVES
GREEN COMPOUND
CODE
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
255075
100
125
150
CASE TEMPERATURE (oC)
FIG.1- MAXIMUM FORWARD CURRENT
DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
1
10
100
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single
Half Sine Wave.
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2- TYPICAL REVERSE CHARACTERISTICS
TJ=25oC
TJ=125oC
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
FORWARD VOLTAGE (V)
FIG. 4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com