Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1370 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1370
Description  500kHz High Efficiency 6A Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1370 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1370 Datasheet HTML 8Page - Linear Technology LT1370 Datasheet HTML 9Page - Linear Technology LT1370 Datasheet HTML 10Page - Linear Technology LT1370 Datasheet HTML 11Page - Linear Technology LT1370 Datasheet HTML 12Page - Linear Technology LT1370 Datasheet HTML 13Page - Linear Technology LT1370 Datasheet HTML 14Page - Linear Technology LT1370 Datasheet HTML 15Page - Linear Technology LT1370 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1370
TYPICAL APPLICATIONS N
Laser Power Supply
LASER
190
Ω
1%
1N4002
(ALL)
0.1
µF
10k
VIN
10
µF
VC
VIN
FB
GND
2.2
µF
VIN
12V TO 25V
150
Ω
MUR405
L2
82
µH
LT1370
L1
5
4
1
3
2
8
11
HV DIODES
1800pF
10kV
0.01
µF
5kV
1800pF
10kV
47k
5W
2.2
µF
0.47
µF
L1 =
L2 =
Q1, Q2 =
0.47
µF =
HV DIODES =
LASER =
COILTRONICS CTX02-11128
GOWANDA GA40-822K
ZETEX ZTX849
WIMA 3X 0.15
µF TYPE MKP-20
SEMTECH-FM-50
HUGHES 3121H-P
10k
LT1370 • TA07
VSW
Q1
Q2
+
+
+
COILTRONICS (407) 241-7876



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com