Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS1AL Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # RS1AL
Description  Surface Mount Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RS1AL Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  RS1AL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RS1AL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd RS1AL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd RS1AL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
RS1ML
RS1ML
RS1ML
(TA=25℃ unless otherwise noted)
Document Number: DS_D1405034
Version: K14
RS1AL thru RS1ML
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE GREEN COMPOUND
CODE
PACKAGE
PACKING
RS1xL
(Note 1)
Prefix "H"
RU
Suffix "G"
Sub SMA
1,800 / 7" Plastic reel (8mm tape)
RV
Sub SMA
3,000 / 7" Plastic reel (8mm tape)
RT
Sub SMA
7,500 / 13" Paper reel (8mm tape)
MT
Sub SMA
7,500 / 13" Plastic reel (8mm tape)
RQ
Sub SMA
10,000 / 13" Paper reel (8mm tape)
MQ
Sub SMA
10,000 / 13" Plastic reel (8mm tape)
R3
Sub SMA
1,800 / 7" Plastic reel (12mm tape)
RF
Sub SMA
3,000 / 7" Plastic reel (12mm tape)
R2
Sub SMA
7,500 / 13" Paper reel (12mm tape)
M2
Sub SMA
7,500 / 13" Plastic reel (12mm tape)
RH
Sub SMA
10,000 / 13" Paper reel (12mm tape)
MH
Sub SMA
10,000 / 13" Plastic reel (12mm tape)
Note 1: "x" defines voltage from 50V (RS1AL) to 1000V (RS1ML)
EXAMPLE
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
RS1ML RU
RU
RS1ML RUG
RU
G
Green compound
RS1MLHRU
H
RU
AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
25
50
75
100
125
150
175
LEAD TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=100℃
TJ=125℃
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
Pulse Width=300μs
1% Duty Cycle
TJ=25℃
TJ=125℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com