Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1377 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1377
Description  500kHz and 1MHz High Efficiency 1.5A Switching Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1377 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1377 Datasheet HTML 3Page - Linear Technology LT1377 Datasheet HTML 4Page - Linear Technology LT1377 Datasheet HTML 5Page - Linear Technology LT1377 Datasheet HTML 6Page - Linear Technology LT1377 Datasheet HTML 7Page - Linear Technology LT1377 Datasheet HTML 8Page - Linear Technology LT1377 Datasheet HTML 9Page - Linear Technology LT1377 Datasheet HTML 10Page - Linear Technology LT1377 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1372/LT1377
APPLICATIO S I FOR ATIO
Positive fixed voltage versions are available (consult
Linear Technology marketing).
Negative Output Voltage Setting
The LT1372/LT1377 develops a – 2.49V reference (VNFR)
from the NFB pin to ground. Output voltage is set by
connecting the NFB pin to an output resistor divider
(Figure 2). The – 30
µA NFB pin bias current (INFB) can
cause output voltage errors and should not be ignored.
This has been accounted for in the formula in Figure 2. The
suggested value for R2 is 2.49k. The FB pin is normally left
open for negative output application. See Dual Polarity
Output Voltage Sensing for limitatins on FB pin loading
when using the NFB pin.
Shutdown and Synchronization
The dual function S/S pin provides easy shutdown and
synchronization. It is logic level compatible and can be
pulled high, tied to VIN or left floating for normal operation.
A logic low on the S/S pin activates shutdown, reducing
the part’s supply current to 12
µA. Typical synchronization
range is from 1.05 to 1.8 times the part’s natural switching
frequency, but is only guaranteed between 600kHz and
800kHz (LT1372) or 1.2MHz and 1.6MHz (LT1377). A
12
µs resetable shutdown delay network guarantees the
part will not go into shutdown while receiving a synchro-
nization signal.
Caution should be used when synchronizing above 700kHz
(LT1372) or 1.4MHz (LT1377) because at higher sync
frequencies the amplitude of the internal slope compensa-
tion used to prevent subharmonic switching is reduced.
This type of subharmonic switching only occurs when the
duty cycle of the switch is above 50%. Higher inductor
values will tend to eliminate problems.
Thermal Considerations
Care should be taken to ensure that the worst-case input
voltage and load current conditions do not cause exces-
sive die temperatures. The packages are rated at 120
°C/W
for SO (S8) and 130
°C/W for PDIP (N8).
Average supply current (including driver current) is:
IIN = 4mA + DC (ISW/60 + ISW × 0.004)
ISW = switch current
DC = switch duty cycle
Switch power dissipation is given by:
PSW = (ISW)2 × RSW × DC
RSW = output switch “On” resistance
Total power dissipation of the die is the sum of supply
current times supply voltage plus switch power:
PD(TOTAL) = (IIN × VIN) + PSW
Dual Polarity Output Voltage Sensing
Certain applications benefit from sensing both positive
and negative output voltages. One example is the “Dual
Output Flyback Converter with Overvoltage Protection”
circuit shown in the Typical Applications section. Each
output voltage resistor divider is individually set as de-
scribed above. When both the FB and NFB pins are used,
the LT1372/LT1377 acts to prevent either output from
going beyond its set output voltage. For example in this
application, if the positive output were more heavily loaded
than the negative, the negative output would be greater
and would regulate at the desired set-point voltage. The
positive output would sag slightly below its set-point
voltage. This technique prevents either output from going
unregulated high at no load. Please note that the load on
the FB pin should not exceed 250
µA when the NFB pin is
used. This situation occurs when the resistor dividers are
used at
both FB and NFB. True load on FB is not the full
divider current unless the positive output is shorted to
ground. See Dual Output Flyback Converter application.
R1
–VOUT = VNFB
+ INFB (R1)
1 +
R2
LT1372 • F02
NFB
PIN
VNFR
INFB
–VOUT
()R1
R2
R1 =
+ 30
× 10
–6
VOUT– 2.49
( ) (
)
2.49
R2
Figure 2. Negative Output Resistor Divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com