Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1366CS8 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1366CS8
Description  Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1366CS8 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1366CS8 Datasheet HTML 12Page - Linear Technology LT1366CS8 Datasheet HTML 13Page - Linear Technology LT1366CS8 Datasheet HTML 14Page - Linear Technology LT1366CS8 Datasheet HTML 15Page - Linear Technology LT1366CS8 Datasheet HTML 16Page - Linear Technology LT1366CS8 Datasheet HTML 17Page - Linear Technology LT1366CS8 Datasheet HTML 18Page - Linear Technology LT1366CS8 Datasheet HTML 19Page - Linear Technology LT1366CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LT1366/LT1367
LT1368/LT1369
© LINEAR TECHNOLOGY CORPORATION 1995
1366fa LT/TP 0298 REV A 2K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
TYPICAL APPLICATION
Instrumentation Amplifier
10M
RF
102k
V+
–
+
1/4
LT1367
A1A
22pF
INPUTS
–
+
OUTPUT
–
+
1/4
LT1367
A1D
10k
RG
11.3k
1/4
LT1367
A1B
10M
10M
BW = 30kHz
–
+
1/4
LT1367
A1C
200
Ω
RF
102k
100k
10k
100k
RG
11.3k
GUARD
GUARD
1366 TA03
GAIN = 10 1 +
= 100
RF
RG
()
0.1
µF
RELATED PARTS
PART
DESCRIPTION
COMMENTS
LT1078/LT1079
Dual/Quad 55
µA Max, Single Supply, Precision Op Amps
Input/Output Common Mode Includes Ground, 70
µV VOS(MAX)
and 2.5
µV/°C Drift (Max), 200kHz GBW, 0.07V/µs Slew Rate
LTC1152
Rail-to-Rail Input, Rail-to-Rail Output, Zero-Drift Amplifier
High DC Accuracy, 10
µV VOS(MAX), 100nV/°C Drift, 1MHz
GBW, 1V/
µs Slew Rate, Supply Current 2.2mA (Max),
Single Supply, Can Be Configured for C-Load
TM Operation
LT1178/LT1179
Dual/Quad 17
µA Max, Single Supply, Precision Op Amps
Input/Output Common Mode Includes Ground, 70
µV VOS(MAX)
and 4
µV/°C Drift (Max), 85kHz GBW, 0.04V/µs Slew Rate
LT1211/LT1212
Dual/Quad 14MHz, 7V/
µs, Single Supply, Precision Op Amps
Input Common Mode Includes Ground, 275
µV VOS(MAX) and
6
µV/°C Drift (Max), Supply Current 1.8mA per Op Amp (Max)
LT1495/LT1496
1.5
µA, Rail-to-Rail Input/Output Dual/Quad
375
µV VOS(MAX), 2µV/°C Drift (Max), “Over-the-Top” Input
C-Load is a trademark of Linear Technology Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com