Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1371IR Datasheet(PDF) 1 Page - Linear Technology

Part # LT1371IR
Description  500kHz High Efficiency 3A Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1371IR Datasheet(HTML) 1 Page - Linear Technology

  LT1371IR Datasheet HTML 1Page - Linear Technology LT1371IR Datasheet HTML 2Page - Linear Technology LT1371IR Datasheet HTML 3Page - Linear Technology LT1371IR Datasheet HTML 4Page - Linear Technology LT1371IR Datasheet HTML 5Page - Linear Technology LT1371IR Datasheet HTML 6Page - Linear Technology LT1371IR Datasheet HTML 7Page - Linear Technology LT1371IR Datasheet HTML 8Page - Linear Technology LT1371IR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1371
500kHz High Efficiency
3A Switching Regulator
The LT
®1371 is a monolithic high frequency current mode
switching regulator. It can be operated in all standard
switching configurations including boost, buck, flyback,
forward, inverting and “Cuk.” A 3A high efficiency switch
is included on the die, along with all oscillator, control and
protection circuitry.
The LT1371 typically consumes only 4mA quiescent
current and has higher efficiency than previous parts.
High frequency switching allows for very small inductors
to be used.
New design techniques increase flexibility and maintain
ease of use. Switching is easily synchronized to an exter-
nal logic level source. A logic low on the Shutdown pin
reduces supply current to 12
µA. Unique error amplifier
circuitry can regulate positive or negative output voltage
while maintaining simple frequency compensation tech-
niques. Nonlinear error amplifier transconductance re-
duces output overshoot on start-up or overload recovery.
Oscillator frequency shifting protects external compo-
nents during overload conditions.
DESCRIPTION
s
Faster Switching with Increased Efficiency
s
Uses Small Inductors: 4.7
µH
s
All Surface Mount Components
s
Low Minimum Supply Voltage: 2.7V
s
Quiescent Current: 4mA Typ
s
Current Limited Power Switch: 3A
s
Regulates Positive or Negative Outputs
s
Shutdown Supply Current: 12
µA Typ
s
Easy External Synchronization
s
Boost Regulators
s
Laptop Computer Supplies
s
Multiple Output Flyback Supplies
s
Inverting Supplies
APPLICATIONS
TYPICAL APPLICATION
5V to 12V Boost Converter
OUTPUT CURRENT (A)
0.01
50
60
70
80
90
0.1
1
LT1371 • TA02
100
VIN = 5V
12V Output Efficiency
LT1371
VIN
VC
5V
GND
FB
LT1371 • TA01
VSW
S/S
L1*
4.7
µH
C1**
22
µF
25V
C4**
22
µF
25V
× 2
C2
0.047
µF
C3
0.0047
µF
R3
2k
R2
6.19k
1%
R1
53.6k
1%
VOUT
†
12V
D1
MBRS330T3
ON
OFF
*
**
COILCRAFT DO3316P-472 (4.7
µH),
DO3316P-103 (10
µH) OR
SUMIDA CD104-100MC (10
µH)
AVX TPSD226M025R0200
+
+
L1
4.7
µH
10
µH
IOUT
0.7A
0.8A
†MAX I
OUT
FEATURES
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1371IR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1371 LINER-LT1371 Datasheet
283Kb / 16P
500kHz High Efficiency 3A Switching Regulator
LT1371HV LINER-LT1371HV Datasheet
191Kb / 16P
Available in MiniDiP, TO-220, and TO-3 Packages
LT1371 LINER-LT1371_15 Datasheet
283Kb / 16P
500kHz High Efficiency 3A Switching Regulator
More results

Similar Description - LT1371IR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1370 LINER-LT1370 Datasheet
293Kb / 16P
500kHz High Efficiency 6A Switching Regulator
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
3A Switching Regulator with High Efficiency Sleep Mode
logo
Linear Technology
LT3431 LINER-LT3431 Datasheet
256Kb / 28P
High Voltage, 3A,500kHz Step-Down Switching Regulator
LT1370CR-PBF LINER-LT1370CR-PBF Datasheet
179Kb / 16P
500kHz High Efficiency 6A Switching Regulator
LT1371 LINER-LT1371_15 Datasheet
283Kb / 16P
500kHz High Efficiency 3A Switching Regulator
LT1370 LINER-LT1370_15 Datasheet
179Kb / 16P
500kHz High Efficiency 6A Switching Regulator
LT3431 LINER-LT3431_15 Datasheet
262Kb / 28P
High Voltage, 3A, 500kHz Step-Down Switching Regulator
logo
Monolithic Power System...
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7266N ACE-ACE7266N Datasheet
196Kb / 3P
High Efficiency, 500kHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.5
ACE7377N ACE-ACE7377N Datasheet
194Kb / 3P
High Efficiency, 3A, 23V, 500kHz Synchronous Step Down Regulator
VER 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com