Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1KLS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S1KLS
Description  1.2A, 600V - 1000V Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S1KLS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S1KLS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S1KLS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S1KLS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S1KLS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Ideal for automated placement
- Compact package size
- High surge current capability
- Low power loss, high efficiency
- Halogen-free according to IEC 61249-2-21 definition
- AEC-Q101 qualified
Molding compound, UL flammability classification rating 94V-0
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
TJ
°C
TSTG
°C
Document Number: DS_D1410013
Version: D15
600
800
1000
800
1000
1.3
5
150
Operating junction temperature range
Storage temperature range
- 55 to +150
Maximum reverse current @ rated VR TJ=25 °C
TJ=125 °C
IR
Note 1: Pulse test with PW=300μs, 1% duty cycle
- 55 to +150
Typical thermal resistance
RθJC
RθJA
°C/W
26
74
μA
A
Maximum instantaneous forward voltage (Note 1)
@ 1.2 A
VF
V
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1.2
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
UNIT
Marking code
Maximum repetitive peak reverse voltage
Polarity:
Indicated by cathode band
Weight:
0.022g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
S1JLS
S1KLS
IFSM
50
S1MLS
1JLS
1KLS
1MLS
600
420
560
700
S1JLS - S1MLS
Taiwan Semiconductor
1.2A, 600V - 1000V Surface Mount Rectifiers
FEATURES
Moisture sensitivity level: level 1, per J-STD-020
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
SOD123HE
SOD123HE


Similar Part No. - S1KLS

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
S1KLS TMT-S1KLS Datasheet
193Kb / 4P
1.2A, 600V - 1000V Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
S1KLS TSC-S1KLS Datasheet
419Kb / 6P
1.2A, 200V - 1000V Surface Mount Rectifier
S1KLSH TSC-S1KLSH Datasheet
442Kb / 5P
1.2A, 200V - 1000V Standard Surface Mount Rectifier
More results

Similar Description - S1KLS

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
LN1VB60 SHINDENGEN-LN1VB60 Datasheet
304Kb / 5P
General Purpose Rectifiers(600V 1.2A)
logo
Shenzhen Luguang Electr...
FM1210 LUGUANG-FM1210 Datasheet
155Kb / 2P
1.2A Surface Mount Fast Recovery Rectifiers
logo
Taiwan Memory Technolog...
S1JF TMT-S1JF Datasheet
186Kb / 4P
1A, 600V - 1000V Surface Mount Rectifiers
S1JLS TMT-S1JLS_16 Datasheet
193Kb / 4P
1.2A, 600V - 1000V Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
RS1JF TSC-RS1JF Datasheet
221Kb / 4P
1A, 600V - 1000V Surface Mount Fast Recovery Rectifiers
S1DLS TSC-S1DLS Datasheet
419Kb / 6P
1.2A, 200V - 1000V Surface Mount Rectifier
S1JF TSC-S1JF Datasheet
224Kb / 4P
1A, 600V - 1000V Surface Mount Rectifiers
S2JF TSC-S2JF Datasheet
223Kb / 4P
2A, 600V - 1000V Surface Mount Rectifiers
logo
T&S Brass. All Rights R...
S1DLSH TS-S1DLSH Datasheet
442Kb / 5P
1.2A, 200V - 1000V Standard Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S1DLSH TSC-S1DLSH Datasheet
442Kb / 5P
1.2A, 200V - 1000V Standard Surface Mount Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com