Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5MB Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S5MB
Description  Surface Mount Glass Passivated Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S5MB Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S5MB Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S5MB Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S5MB Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S5MB Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
FEATURES
- Glass passivated chip junction
- Ideal for automated placement
- Low forward voltage drop
- High surge current capability
- Moisture sensitivity level: level 1, per J-STD-020
- Halogen-free according to IEC 61249-2-21 definition
- AEC-Q101 qualified
MECHANICAL DATA
Case:
DO-214AA (SMB)
Molding compound, UL flammability classification rating 94V-0
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
Polarity:
Indicated by cathode band
Weight:
0.09 g (approximately)
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
TJ=25°C
TJ=125°C
TJ=25°C
TJ=125°C
TJ=25°C
TJ=125°C
CJ
pF
RθJL
RθJA
TJ
°C
TSTG
°C
Note 1: Pulse test with PW=300μs, 1% duty cycle
Note 2: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Document Number: DS_D1411017
Version: A14
°C/W
13
47
10
250
Maximum reverse current @ rated VR
40
- 55 to +150
Typical thermal resistance
Peak forward surge current, 1 ms single half
sine-wave superimposed on rated load
200
150
540
290
1.1
400
600
800
1000
600
800
1000
S5
MB
400
280
420
560
700
S5GB thru S5MB
Surface Mount Glass Passivated Rectifiers
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
DO-214AA (SMB)
Unit
A
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
SYMBOL
S5
GB
Maximum instantaneous forward voltage (Note 1)
@ 5 A
VF
Maximum average forward rectified current
IFSM
5
Peak forward surge current, 8.3 ms single half
sine-wave superimposed on rated load
S5
JB
S5
KB
Storage temperature range
Operating junction temperature range
- 55 to +150
Taiwan Semiconductor
Typical junction capacitance (Note 2)
V
IR
μA
PARAMETER


Similar Part No. - S5MB

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
S5MB GWSEMI-S5MB Datasheet
65Kb / 2P
5.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Taiwan Memory Technolog...
S5MB TMT-S5MB Datasheet
180Kb / 4P
5A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
logo
Shenzhen Yixinwei Techn...
S5MB YIXIN-S5MB Datasheet
93Kb / 2P
5.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Shanghai Yint Electroni...
S5MB YINT-S5MB Datasheet
492Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
Zibo Seno Electronic En...
S5MBF ZSELEC-S5MBF Datasheet
96Kb / 2P
5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
More results

Similar Description - S5MB

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
S2AA HY-S2AA Datasheet
99Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
S3AB HY-S3AB_17 Datasheet
138Kb / 3P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Yixinwei Techn...
S1AL YIXIN-S1AL Datasheet
163Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
S3AB HY-S3AB_19 Datasheet
266Kb / 3P
Surface Mount Glass Passivated Rectifiers
S2A HY-S2A_19 Datasheet
271Kb / 3P
Surface Mount Glass Passivated Rectifiers
S1AL HY-S1AL_18 Datasheet
192Kb / 3P
Surface Mount Glass Passivated Rectifiers
S1A HY-S1A_19 Datasheet
268Kb / 3P
Surface Mount Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
SM1A DACO-SM1A Datasheet
153Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
SM5931 DACO-SM5931 Datasheet
962Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
S1AL HY-S1AL_V01 Datasheet
803Kb / 3P
Surface Mount Glass Passivated Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com