Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1413 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1413
Description  Single Supply, Dual Precision Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1413 Datasheet(HTML) 6 Page - Linear Technology

  LT1413 Datasheet HTML 1Page - Linear Technology LT1413 Datasheet HTML 2Page - Linear Technology LT1413 Datasheet HTML 3Page - Linear Technology LT1413 Datasheet HTML 4Page - Linear Technology LT1413 Datasheet HTML 5Page - Linear Technology LT1413 Datasheet HTML 6Page - Linear Technology LT1413 Datasheet HTML 7Page - Linear Technology LT1413 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LT1413
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Gain, Phase vs Frequency
FREQUENCY (Hz)
60
140
1k
10M
LT1413 • TA12
0
10
0.1
0.01
10k
1M
120
100
80
40
20
–20
1
100
100k
VS = 5V, 0V
VS = ±15V
TA =
CL =
25
°C
100pF
Voltage Gain vs Frequency
FREQUENCY (MHz)
0
20
110
LT1413 • TA13
10
–10
0.1
0.3
3
100
120
140
160
180
200
80
PHASE
±15V
GAIN
±15V
5V, 0V
5V, 0V
TA = 25°C
VCM = 0.1V
CL = 100pF
FREQUENCY (Hz)
100
160
1k
1M
LT1413 • TA14
140
80
10
100
100k
120
60
10k
RS = 100Ω
RS = 1kΩ
LIMITED BY
THERMAL
INTERACTION
LIMITED BY
PIN TO PIN
CAPACITANCE
TA =
VS =
VIN =
RL =
25
°C
5V, 0V
3Vp-p
2k
Channel Separation vs
Frequency
Common-Mode Rejection Ratio
vs Frequency
Power Supply Rejection Ratio
vs Frequency
FREQUENCY (Hz)
120
1M
LT1413 • TA15
10
10k
100k
TA = 25°C
0
100
1k
VS = 5V, 0V
VS = ±15V
20
40
60
80
100
FREQUENCY (Hz)
120
1M
LT1413 • TA16
0.1
1k
100k
TA = 25°C
0
1
100
VS = 5V, 0V
20
40
60
80
100
NEGATIVE
SUPPLY
±15V
10
10k
POSITIVE
SUPPLY
±15V
Small Signal Transient
Response, VS = ±15V
Small Signal Transient
Response, VS = 5V, 0V
Large Signal Transient
Response, VS = 5V, 0V
Large Signal Transient
Response, VS = ±15V
AV = +1
2
µs/DIV
0V
0V
LT1413 • TA17
4V
2V
AV = +1
50
µs/DIV
AV = +1
NO LOAD
INPUT = 0V TO 4V PULSE
10
µs/DIV
AV = +1
INPUT = 20mV TO 220mV PULSE
20
µs/DIV
LT1413 • TA18
LT1413 • TA19
LT1413 • TA20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com