Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1371HVISW Datasheet(PDF) 13 Page - Linear Technology

Part # LT1371HVISW
Description  500kHz High Efficiency 3A Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1371HVISW Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1371HVISW Datasheet HTML 8Page - Linear Technology LT1371HVISW Datasheet HTML 9Page - Linear Technology LT1371HVISW Datasheet HTML 10Page - Linear Technology LT1371HVISW Datasheet HTML 11Page - Linear Technology LT1371HVISW Datasheet HTML 12Page - Linear Technology LT1371HVISW Datasheet HTML 13Page - Linear Technology LT1371HVISW Datasheet HTML 14Page - Linear Technology LT1371HVISW Datasheet HTML 15Page - Linear Technology LT1371HVISW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1371
TYPICAL APPLICATIONS N
Positive-to-Negative Converter with Direct Feedback
Dual Output Flyback Converter with Overvoltage Protection
2 Li-Ion Cells to 5V SEPIC Converter**
Single Li-Ion Cell to 5V
LT1371
VIN
GND
VIN
4V TO 9V
VC
FB
LT1371 • TA05
VSW
S/S
C1
33
µF
20V
C4
0.047
µF
C5
0.0047
µF
R1
2k
R3
6.19k
1%
R2
18.7k
1%
VOUT
†
5V
C3
100
µF
10V
× 2
ON
OFF
L1A*
10
µH
•
•
L1B*
10
µH
C2
4.7
µF
C1 = AVX TPSD 336M020R0200
C2 = TOKIN 1E475ZY5U-C304
C3 = AVX TPSD107M010R0100
SINGLE INDUCTOR WITH TWO WINDINGS
COILTRONICS CTX10-4
INPUT VOLTAGE MAY BE GREATER OR
LESS THAN OUTPUT VOLTAGE
+
+
MBRS330T3
VIN
4V
5V
7V
9V
IOUT
0.85A
1A
1.3A
1.5A
†MAX I
OUT
*
**
LT1371
VIN
VC
VIN
2.7V TO 13V
*COILTRONICS CTX10-4
GND
NFB
LT1371 • TA03
VSW
S/S
D2
P6KE-15A
D3
1N4148
D1
MBRS330T3
C1
100
µF
C2
0.047
µF
C3
0.0047
µF
R1
2k
R3
2.49k
1%
R2
2.49k
1%
–VOUT
†
–5V
+
C4
100
µF
× 2
+
ON
OFF
VIN
3V
5V
9V
IOUT
0.6A
1.0A
1.5A
2
1
4
T1*
3
•
•
†MAX I
OUT
LT1371
VIN
VC
GND
FB
LT1371 • TA06
VSW
S/S
L1*
C1**
100
µF
10V
SINGLE
Li-Ion
CELL
C4**
100
µF
10V
× 2
C2
0.047
µF
C3
0.0047
µF
R3
2k
R2
6.19k
1%
R1
18.7k
1%
VOUT
†
5V
D1
MBRS320T3
ON
OFF
*
**
COILCRAFT DO3316P-103
AVX TPSD107M010R0100
+
+
+
VIN
2.7V
3.3V
3.6V
IOUT
1.2A
1.6A
1.8A
†MAX I
OUT
LT1371
VIN
FB
VC
VIN
2.7V TO 10V
*DALE LPE-5047-100MB
GND
NFB
LT1371 • TA04
VSW
S/S
P6KE-20A
1N4148
MBRS360T3
MBRS360T3
C1
22
µF
R2
6.19k
1%
R1
68.1k
1%
C2
0.047
µF
C3
0.0047
µF
R3
2k
R5
2.49k
1%
R4
12.1k
1%
–VOUT
–15V
VOUT
15V
+
C4
47
µF
+
C5
47
µF
+
ON
OFF
2, 3
8, 9
7
T1*
4
10
1
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com