Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1425CS Datasheet(PDF) 14 Page - Linear Technology

Part # LT1425CS
Description  Isolated Flyback Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1425CS Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1425CS Datasheet HTML 10Page - Linear Technology LT1425CS Datasheet HTML 11Page - Linear Technology LT1425CS Datasheet HTML 12Page - Linear Technology LT1425CS Datasheet HTML 13Page - Linear Technology LT1425CS Datasheet HTML 14Page - Linear Technology LT1425CS Datasheet HTML 15Page - Linear Technology LT1425CS Datasheet HTML 16Page - Linear Technology LT1425CS Datasheet HTML 17Page - Linear Technology LT1425CS Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LT1425
APPLICATIONS INFORMATION
“collapse,” thereby supporting operation well into discon-
tinuous mode. Nevertheless, there still remain constraints
to ultimate low load operation. They relate to the minimum
switch ON time and the minimum enable time. Discontinu-
ous mode operation will be assumed in the following
theoretical derivations.
As outlined in the Operation section, the LT1425 utilizes a
minimum output switch ON time, tON. This value can be
combined with expected VIN and switching frequency to
yield an expression for minimum delivered power.
1
2
)) f
LPRI
)
)
Min Power =
(VIN • tON)2
= (VOUT)(IOUT)
This expression then yields a minimum output current
constraint:
1
2
)) f
(LPRI)(VOUT)
)
)
IOUT(MIN) =
where,
f = Switching frequency (nominally 285kHz)
LPRI = Transformer primary side inductance
VIN = Input voltage
VOUT = Output voltage
tON = Output switch minimum ON time
(VIN • tON)2
An additional constraint has to do with the minimum
enable time. The LT1425 derives its output voltage infor-
mation from the flyback pulse. If the internal minimum
enable time pulse extends beyond the flyback pulse, loss
of regulation will occur. The onset of this condition can be
determined by setting the width of the flyback pulse equal
to the sum of the flyback enable delay, tED, plus the
minimum enable time, tEN. Minimum power delivered to
the load is then:
1
2
)) f
LSEC
)
)
Min Power =
[VOUT • (tEN + tED)]2
= (VOUT)(IOUT)
which yields a minimum output constraint:
VF of this diode should therefore be included in RFB
calculations. Lot-to-lot and ambient temperature varia-
tions will show up as output voltage shift/drift.
Secondary Leakage Inductance
Leakage inductance on the transformer secondary
reduces the effective primary-to-secondary turns ratio
(NP/NS) from its ideal value. This will increase the output
voltage target by a similar percentage. To the extent that
secondary leakage inductance is constant from part-to-
part, this can be accommodated by adjusting the RFB to
RREF resistor ratio.
Output Impedance Error
An additional error source is caused by transformer sec-
ondary current flow through the real life nonzero imped-
ances of the output rectifier, transformer secondary and
output capacitor. Because the secondary current only
flows during the off portion of the duty cycle, the effective
output impedance equals the “DC” lumped secondary
impedance times the inverse of the off duty cycle. If the
output load current remains relatively constant, or, in less
critical applications, the error may be judged acceptable
and the RFB value adjusted for nominal expected error. In
more demanding applications, output impedance error
may be minimized by the use of the load compensation
function (see Load Compensation).
VIN Sense Error
The LT1425 determines the size of the flyback pulse by
comparing the VSW signal to VIN, through RFB. This
comparison is not perfect, in the sense that an offset exists
between the sensing mechanism and the actual VIN. This
is expressed in the data sheet as VIN sense error. This error
is fixed in absolute millivolt terms relative to VOUT (with the
exception that it is reflected to VOUT by any nonunity
secondary-to-primary turns ratio).
MINIMUM LOAD CONSIDERATIONS
The LT1425 generally provides better low load perfor-
mance than previous generation switcher/controllers
utilizing indirect output voltage sensing techniques.
Specifically, it contains circuitry to detect flyback pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com