Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6107 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6107
Description  High Temperature High Side Current Sense Amp in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6107 Datasheet(HTML) 2 Page - Linear Technology

  LT6107_15 Datasheet HTML 1Page - Linear Technology LT6107_15 Datasheet HTML 2Page - Linear Technology LT6107_15 Datasheet HTML 3Page - Linear Technology LT6107_15 Datasheet HTML 4Page - Linear Technology LT6107_15 Datasheet HTML 5Page - Linear Technology LT6107_15 Datasheet HTML 6Page - Linear Technology LT6107_15 Datasheet HTML 7Page - Linear Technology LT6107_15 Datasheet HTML 8Page - Linear Technology LT6107_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT6107
2
6107fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (V+ to V–)..........................................44V
Input Voltage (+IN to V–) ............................................ V+
(–IN to V–) ............................................ V+
Input Current........................................................–10mA
Output Short-Circuit Duration .......................... Indefinite
Operating Temperature Range
(Note 2) ............................................. –55°C to 150°C
Specified Temperature Range
(Note 2) ............................................. –55°C to 150°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
OUT 1
V– 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
–IN 3
5 V+
4 +IN
TJMAX = 150°C, θJA = 250°C/W
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V+
Supply Voltage Range
●
2.7
36
V
VOS
Input Offset Voltage
VSENSE = 5mV
●
150
250
400
μV
μV
ΔVOS/ΔT
Input Offset Voltage Drift
VSENSE = 5mV
●
1μV/°C
IB
Input Bias Current (+IN)
V+ = 12V, 36V
●
40
130
nA
nA
IOS
Input Offset Current
V+ = 12V, 36V
1
nA
IOUT
Maximum Output Current
(Note 3)
●
1mA
PSRR
Power Supply Rejection Ratio
V+ = 2.7V to 36V, VSENSE = 5mV
●
106
dB
VSENSE(MAX)
Input Sense Voltage Full Scale
RIN = 500Ω (Notes 3, 7)
●
0.5
V
AV Error
Gain Error (Note 4)
VSENSE = 500mV, RIN = 500Ω, ROUT = 10k, V+ = 12.5V
●
–0.65
–0.25
0
%
VSENSE = 500mV, RIN = 500Ω, ROUT = 10k, V+ = 36V
●
–0.45
–0.14
0.1
%
VOUT(HIGH)
Output Swing High
(Referred to V+)
VSENSE = 120mV
●
1.2
1.4
V
V
The ● denotes the specifications which apply over the full specified
operating temperature range, otherwise specifications are at TA = 25°C. V+ = 12V, V+ = VSENSE+, RIN = 100Ω, ROUT = 10k, Gain = 100
unless otherwise noted. (Note 6)
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT6107MPS5#TRMPBF
LT6107MPS5#TRPBF
LTDGZ
5-Lead Plastic TSOT-23
–55°C to 150°C
Lead Based Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT6107MPS5#TRM
LT6107MPS5#TR
LTDGZ
5-Lead Plastic TSOT-23
–55°C to 150°C
TRM = 500 pieces.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com