Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF16S Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SF16S
Description  Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF16S Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SF16S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF16S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SF16S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SF16S Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
PART NO.
SF16S
SF16S
(TA=25℃ unless otherwise noted)
Document Number: DS_D1401001
Version: F14
RATINGS AND CHARACTERISTICS CURVES
A1
A0
A-405
A-405
SF16S A0
A0
A-405
1K / Bulk packing
Note 1: "x" defines voltage from 50V (SF11S) to 600V (SF18S)
EXAMPLE
3K / AMMO box
3K / AMMO box
A-405
2K / AMMO box
P1
A-405
SF16S A0G
A0
G
Green compound
B0
SF11S thru SF18S
Taiwan Semiconductor
ORDERING INFORMATION
PACKING CODE
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
GREEN COMPOUND
CODE
PACKAGE
PACKING
SF1xS
(Note 1)
2K / AMMO box
R0
A-405
5K / 13" Reel
P0
Suffix "G"
0.0
0.5
1.0
1.5
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (oC)
FIG.1- MAXIMUM AVERAGE FORWARD
CURRENT DERATING
0
5
10
15
20
25
30
35
110
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG.2- TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=100℃
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
FORWARD VOLTAGE (V)
FIG. 4- TYPICAL FORWARD CHARACTERISTICS
SF17S~SF18S
Pulse Width=300μs
1% Duty Cycle
SF15S~SF16S
SF11S~SF14S



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com