Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1431CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1431CS8
Description  Programmable Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1431CS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1431CS8 Datasheet HTML 1Page - Linear Technology LT1431CS8 Datasheet HTML 2Page - Linear Technology LT1431CS8 Datasheet HTML 3Page - Linear Technology LT1431CS8 Datasheet HTML 4Page - Linear Technology LT1431CS8 Datasheet HTML 5Page - Linear Technology LT1431CS8 Datasheet HTML 6Page - Linear Technology LT1431CS8 Datasheet HTML 7Page - Linear Technology LT1431CS8 Datasheet HTML 8Page - Linear Technology LT1431CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1431
PI FU CTIO S
COLL (Pin 1): Open collector of the output transistor. The
maximum pin voltage is 26V. The saturation voltage at
100mA is approximately 1V.
COMP (Pin 2): Base of the driver for the output transistor.
This pin allows additional compensation for complex
feedback systems and shutdown of the regulator. It must
be left open if unused.
V + (Pin 3): Bias voltage for the entire shunt regulator. The
maximum input voltage is 36V and the minimum to
operate is equal to VREF (2.5V). The quiescent current is
typically 0.6mA.
RTOP (Pin 4): Top of the on-chip 5k-5k resistive divider
that guarantees 1% accuracy of operation as a 5V shunt
regulator with no external trim. The pin is tied to COLL for
self-contained 5V operation. It may be left open if unused.
See note on parasitic diodes below.
GND-S (Pin 5): Ground reference for the on-chip resistive
divider and shunt regulator circuitry except for the output
transistor. This pin allows external current limit of the
output transistor with one resistor between GND-F (force)
and GND-S (sense).
GND-F (Pin 6): Emitter of the output transistor and sub-
strate connection for the die.
RMID (Pin 7): Middle of the on-chip resistive divider string
between RTOP and GND-S. The pin is tied to REF for self-
contained 5V operation. It may be left open if unused.
REF (Pin 8): Control pin of the shunt regulator with a 2.5V
threshold. If V + > 3V, input bias current cancellation
reduces IB to 0.2µA typical.
COMP, RTOP, RMID, and REF have static discharge protec-
tion circuits that must not be activated on a continuous
basis. Therefore, the absolute maximum DC voltage on
these pins is 6V, well beyond the normal operating condi-
tions.
As with all bipolar ICs, the LT1431 contains parasitic
diodes which must not be forward biased or else anoma-
lous behavior will result. Pin conditions to be avoided are
RTOP below RMID in voltage and any pin below GND-F in
voltage (except for GND-S).
The following pin definitions apply to the Z package.
CATHODE (Pin 1): Corresponds to COLL and V + tied
together.
ANODE (Pin 2): Corresponds to GND-S and GND-F tied
together.
REF (Pin 3): Corresponds to REF.
I
DAGRA
BLOCK
LT1431 • BD01
COMP
V
+
GND-FORCE
GND-SENSE
RTOP
REF
RMID
2.5V
+
–
gm =
4mA/V
5k
COLLECTOR
8
7
5
43
2
1
6
5k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com