Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1376HVCS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1376HVCS8
Description  1.5A, 500kHz Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1376HVCS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1376HVCS8 Datasheet HTML 1Page - Linear Technology LT1376HVCS8 Datasheet HTML 2Page - Linear Technology LT1376HVCS8 Datasheet HTML 3Page - Linear Technology LT1376HVCS8 Datasheet HTML 4Page - Linear Technology LT1376HVCS8 Datasheet HTML 5Page - Linear Technology LT1376HVCS8 Datasheet HTML 6Page - Linear Technology LT1376HVCS8 Datasheet HTML 7Page - Linear Technology LT1376HVCS8 Datasheet HTML 8Page - Linear Technology LT1376HVCS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LT1375/LT1376
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. TJ = 25°C, VIN = 15V, VC = 1.5V, boost open, switch open,
unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Voltage (Adjustable)
2.39
2.42
2.45
V
All Conditions
q
2.36
2.48
V
Sense Voltage (Fixed 5V)
4.94
5.0
5.06
V
All Conditions
q
4.90
5.10
V
Sense Pin Resistance
710
14
k
Ω
Reference Voltage Line Regulation
5V
≤ VIN ≤ 25V
0.01
0.03
%/ V
5V
≤ VIN ≤ 30V (LT1375HV/LT1376HV)
0.01
0.03
%/V
Feedback Input Bias Current
q
0.5
1.5
µA
Error Amplifier Voltage Gain
VSHDN = 1V (Notes 2, 8)
200
400
Error Amplifier Transconductance
VSHDN = 1V, ∆I (VC) = ±10µA (Note 8)
1500
2000
2700
µMho
q
1100
3000
µMho
VC Pin to Switch Current Transconductance
2A/ V
Error Amplifier Source Current
VSHDN = 1V, VFB = 2.1V or VSENSE = 4.4V
q
150
225
320
µA
Error Amplifier Sink Current
VSHDN = 1V, VFB = 2.7V or VSENSE = 5.6V
2
mA
VC Pin Switching Threshold
Duty Cycle = 0
0.9
V
VC Pin High Clamp
VSHDN = 1V
2.1
V
Switch Current Limit
VC Open, VFB = 2.1V or VSENSE = 4.4V,
VBOOST = VIN + 5V
DC
≤ 50%
q
1.50
2
3
A
DC = 80%
q
1.35
3
A
Switch On Resistance (Note 6)
ISW = 1.5A, VBOOST = VIN + 5V
0.3
0.4
Ω
q
0.5
Ω
Maximum Switch Duty Cycle
VFB = 2.1V or VSENSE = 4.4V
90
93
%
–40
°C ≤ TJ ≤ 125°C86
93
%
TJ = 150°C85
93
%
Switch Frequency
VC Set to Give 50% Duty Cycle
460
500
540
kHz
–25
°C ≤ TJ ≤ 125°C
440
560
kHz
TJ ≤ –25°C
440
570
kHz
Switch Frequency Line Regulation
5V
≤ VIN ≤ 25V
q
0.05
0.15
%/ V
5V
≤ VIN ≤ 30V (LT1375HV/LT1376HV)
q
0.05
0.15
%/V
Frequency Shifting Threshold on FB Pin
∆f = 10kHz
q
0.8
1.0
1.3
V
Minimum Input Voltage (Note 3)
q
5.0
5.5
V
Minimum Boost Voltage (Note 4)
ISW ≤ 1.5A
q
3
3.5
V
Boost Current (Note 5)
VBOOST = VIN + 5V
ISW = 500mA
q
12
22
mA
ISW = 1.5A
q
25
35
mA
Input Supply Current (Note 6)
VBIAS = 5V
q
0.9
1.4
mA
Output Supply Current (Note 6)
VBIAS = 5V
q
3.2
4.0
mA
Shutdown Supply Current
VSHDN = 0V, VIN ≤ 25V, VSW = 0V, VC Open
15
50
µA
q
75
µA
VSHDN = 0V, VIN ≤ 30V, VSW = 0V, VC Open
(LT1375HV/LT1376HV)
20
75
µA
q
100
µA
Lockout Threshold
VC Open
q
2.3
2.38
2.46
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com