Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF41G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SF41G
Description  4.0AMPS. Glass Passivated Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF41G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SF41G_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF41G_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SF41G_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SF41G_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ordering information
DO-201AD
52mm
DO-201AD
52mm
DO-201AD
DO-201AD
AB
Z
T
E
∣
L1-L2∣
DD1
D0
W
±0.5
±1.5
MAX
±0.4
MAX
MAX
±0.3
±0.4
±1.0
DO-201AD
10
52.4
1.2
6
0.8
1
330
85.7
16.6
76
Unit (mm)
Symbol
A
B
C
D
Version:E13
A0G
R0
R0G
B0
B0G
X0
X0G
Part No.
Package
Packing
INNER
TAPE
Packing code
Packing code
(Green)
SF4xG
(Note)
500 / AMMO box
1.25K / 13" Reel
500 / Bulk packing
Forming
A0
1.2
4.0
1.6
Note: "xx" is Device Code from "1" thru "8".
AXIAL LEAD TAPING SPECIFICATIONS
Outline
Suggested Mounting Hole Rule
Unit(mm)
9.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com