Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF63G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SF63G
Description  6.0AMPS. Glass Passivated Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF63G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SF63G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF63G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SF63G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SF63G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
creat by art
High efficiency, low VF
High current capability
High reliability
High surge current capability
Low power loss
SF61G
DO-201AD
500 / AMMO box
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
SF
61G
SF
62G
SF
63G
SF
64G
SF
65G
SF
66G
SF
67G
SF
68G
Units
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
IF(AV)
A
uA
uA
Trr
nS
Cj
pF
TJ
OC
TSTG
OC
Version:E13
Green compound with suffix "G" on packing
code & prefix "G" on datecode.
DO-201AD
Packing code
Packing code
(Green)
A0
A0G
Mechanical Data
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode
SF61G - SF68G
6.0AMPS. Glass Passivated Super Fast Rectifiers
Features
For use in low voltage, high frequency inverter,
free wheeling, and polarity protection application
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
6
High temperature soldering guaranteed:
260℃/10 seconds
Mounting position: Any
Weight: 1.2 grams
Parameter
Maximum Recurremt Peak Reverse Voltage
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
150
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 6 A
VF
0.975
1.3
1.7
V
Maximum DC Reverse Current at Rated
TA=25 ℃
DC Blocking Voltage
TA=125 ℃
IR
5
100
Maximum Reverse Recovery Time (Note 2)
35
Storage Temperature Range
- 55 to + 150
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Typical Junction Capacitance (Note 3)
100
50
Typical Thermal Resistance
RθJA
RθJL
40
5
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
52mm
OC/W
Operating Temperature Range
- 55 to + 150
Ordering Information (example)
Part No.
Package
Packing
INNER
TAPE


Similar Part No. - SF63G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF63G TSC-SF63G Datasheet
67Kb / 2P
6.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Jinan Gude Electronic D...
SF63G JGD-SF63G Datasheet
173Kb / 2P
6.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF63G TSC-SF63G Datasheet
261Kb / 2P
6.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
MIC GROUP RECTIFIERS
SF63G MIC-SF63G Datasheet
52Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
SF63G TSC-SF63G Datasheet
585Kb / 2P
6.0 AMPS. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF63G

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
SF11G TSC-SF11G_14 Datasheet
377Kb / 4P
Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG_14 Datasheet
374Kb / 3P
Glass Passivated Super Fast Rectifiers
SF31G TSC-SF31G_14 Datasheet
378Kb / 4P
Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_14 Datasheet
386Kb / 4P
Glass Passivated Super Fast Rectifiers
logo
Chongqing Pingwei Enter...
6A1G CHONGQING-6A1G_16 Datasheet
177Kb / 1P
6.0AMPS . GLASS PASSIVATED RECTIFIERS
6A05G CHONGQING-6A05G_16 Datasheet
177Kb / 1P
6.0AMPS . GLASS PASSIVATED RECTIFIERS
FR601G CHONGQING-FR601G_16 Datasheet
178Kb / 1P
6.0AMPS . GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
SF11G HY-SF11G_17 Datasheet
134Kb / 3P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Microdiode Semiconducto...
SF501ET CHENDA-SF501ET Datasheet
1Mb / 4P
SUPER FAST GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com