Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1464CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1464CS8
Description  Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1464CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1464CS8 Datasheet HTML 4Page - Linear Technology LT1464CS8 Datasheet HTML 5Page - Linear Technology LT1464CS8 Datasheet HTML 6Page - Linear Technology LT1464CS8 Datasheet HTML 7Page - Linear Technology LT1464CS8 Datasheet HTML 8Page - Linear Technology LT1464CS8 Datasheet HTML 9Page - Linear Technology LT1464CS8 Datasheet HTML 10Page - Linear Technology LT1464CS8 Datasheet HTML 11Page - Linear Technology LT1464CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1464/LT1465
14645fa LT/GP 0197 5K REV A • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1996
TYPICAL APPLICATION
Low Voltage 0.027% Frequency to Voltage Converter
PART NUMBER
DESCRIPTION
COMMENTS
LT1057
Dual JFET Input Precision, High Speed Op Amp
Fast Settling Time, 14V/
µs Slew Rate, 5Mhz GBW, 450µV
VOS (Max), 50pA IOS (Max)
LT1113
Dual Low Noise, Precision, JFET Input Op Amp
6nV/
√Hz Input Noise Voltage Density, 480pA IB, 6.3MHz GBW
LT1169
Dual Low Noise, Picoampere Bias Current,
20pA IB, 8nV/√Hz en, 5.3MHz GBW, 1.5pF Input Capacitance
JFET Input Op Amp
LT1457
Dual Precision JFET Input Op Amp C-Load
Drives 10,000pF Capacitive Load, 450
µV VOS (Max), 4µV/°C Drift
LT1462/LT1463
Dual/Quad Micropower, C-Load Picoampere Bias
28
µA Supply Current Per Amplifiers Drives 10µF Capacitive Load, 175kHz GBW
Current JFET Input Op Amps
RELATED PARTS
13
14
4
16
17
12
CS
1000pF
+
–
5V
–5V
2
3
8
1
4
1/2 LT1464
1/4 LTC1043
0V TO 3V
OUTPUT
5V
–5V
C2
1
µF
75k*
10k
GAIN TRIM
C1
1
µF
fIN = FREQUENCY IN
0kHz to 30kHz
R1
1k
LT1004-1.2C
–5V
V OUT = (R2)(CS)(VREF)fIN
TRW#MTR-5/120ppm
LT1464 • TA04
R2
*
VREF = –1.235V
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507qTELEX: 499-3977q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com